Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXF2EID0 Datasheet(PDF) 30 Page - Microchip Technology

Part # RXF2EID0
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXF2EID0 Datasheet(HTML) 30 Page - Microchip Technology

Back Button RXF2EID0 Datasheet HTML 26Page - Microchip Technology RXF2EID0 Datasheet HTML 27Page - Microchip Technology RXF2EID0 Datasheet HTML 28Page - Microchip Technology RXF2EID0 Datasheet HTML 29Page - Microchip Technology RXF2EID0 Datasheet HTML 30Page - Microchip Technology RXF2EID0 Datasheet HTML 31Page - Microchip Technology RXF2EID0 Datasheet HTML 32Page - Microchip Technology RXF2EID0 Datasheet HTML 33Page - Microchip Technology RXF2EID0 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
MCP2515
DS21801G-page 30
 2003-2012 Microchip Technology Inc.
REGISTER 4-5:
RXBnSIDL – RECEIVE BUFFER n STANDARD IDENTIFIER LOW
(ADDRESS: 62h, 72h)
R-x
R-x
R-x
R-x
R-x
U-0
R-x
R-x
SID2
SID1
SID0
SRR
IDE
—EID17
EID16
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
SID<2:0>: Standard Identifier bits
These bits contain the three Least Significant bits of the Standard Identifier for the received message
bit 4
SRR: Standard Frame Remote Transmit Request bit (valid only if IDE bit = ‘0’)
1
= Standard Frame Remote Transmit Request Received
0
= Standard Data Frame Received
bit 3
IDE: Extended Identifier Flag bit
This bit indicates whether the received message was a Standard or an Extended Frame
1
= Received message was an Extended Frame
0
= Received message was a Standard Frame
bit 2
Unimplemented: Reads as ‘0’
bit 1-0
EID<17:16>: Extended Identifier bits
These bits contain the two Most Significant bits of the Extended Identifier for the received message
REGISTER 4-6:
RXBnEID8 – RECEIVE BUFFER n EXTENDED IDENTIFIER HIGH
(ADDRESS: 63h, 73h)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
EID<15:8>: Extended Identifier bits
These bits hold bits 15 through 8 of the Extended Identifier for the received message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com