Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXF4SIDH Datasheet(PDF) 33 Page - Microchip Technology

Part # RXF4SIDH
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXF4SIDH Datasheet(HTML) 33 Page - Microchip Technology

Back Button RXF4SIDH Datasheet HTML 29Page - Microchip Technology RXF4SIDH Datasheet HTML 30Page - Microchip Technology RXF4SIDH Datasheet HTML 31Page - Microchip Technology RXF4SIDH Datasheet HTML 32Page - Microchip Technology RXF4SIDH Datasheet HTML 33Page - Microchip Technology RXF4SIDH Datasheet HTML 34Page - Microchip Technology RXF4SIDH Datasheet HTML 35Page - Microchip Technology RXF4SIDH Datasheet HTML 36Page - Microchip Technology RXF4SIDH Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 33
MCP2515
4.5.3
FILHIT BITS
Filter
matches
on
received
messages
can
be
determined by the FILHIT bits in the associated
RXBnCTRL register. RXB0CTRL.FILHIT0 for buffer 0
and RXB1CTRL.FILHIT<2:0> for buffer 1.
The three FILHIT bits for receive buffer 1 (RXB1) are
coded as follows:
- 101 = Acceptance Filter 5 (RXF5)
- 100 = Acceptance Filter 4 (RXF4)
- 011 = Acceptance Filter 3 (RXF3)
- 010 = Acceptance Filter 2 (RXF2)
- 001 = Acceptance Filter 1 (RXF1)
- 000 = Acceptance Filter 0 (RXF0)
RXB0CTRL contains two copies of the BUKT bit and
the FILHIT<0> bit.
The coding of the BUKT bit enables these three bits to
be used similarly to the RXB1CTRL.FILHIT bits and to
distinguish a hit on filter RXF0 and RXF1 in either
RXB0 or after a roll over into RXB1.
- 111 = Acceptance Filter 1 (RXB1)
- 110 = Acceptance Filter 0 (RXB1)
- 001 = Acceptance Filter 1 (RXB0)
- 000 = Acceptance Filter 0 (RXB0)
If the BUKT bit is clear, there are six codes
corresponding to the six filters. If the BUKT bit is set,
there are six codes corresponding to the six filters, plus
two additional codes corresponding to RXF0 and RXF1
filters that roll over into RXB1.
4.5.4
MULTIPLE FILTER MATCHES
If more than one acceptance filter matches, the FILHIT
bits will encode the binary value of the lowest
numbered filter that matched. For example, if filter
RXF2 and filter RXF4 match, FILHIT will be loaded with
the value for RXF2. This essentially prioritizes the
acceptance filters with a lower-numbered filter having
higher priority. Messages are compared to filters in
ascending order of filter number. This also ensures that
the message will only be received into one buffer. This
implies that RXB0 has a higher priority than RXB1.
4.5.5
CONFIGURING THE MASKS AND
FILTERS
The mask and filter registers can only be modified
when the MCP2515 is in Configuration mode (see
Section 10.0 “Modes of Operation”).
FIGURE 4-5:
MESSAGE ACCEPTANCE MASK AND FILTER OPERATION
Note:
000
and 001 can only occur if the BUKT bit
in RXB0CTRL is set, allowing RXB0
messages to roll over into RXB1.
Note:
The mask and filter registers read all '0'
when in any mode except Configuration
mode.
Acceptance Filter Register
Acceptance Mask Register
RxRqst
Message Assembly Buffer
RXFn0
RXFn1
RXFnn
RXMn0
RXMn1
RXMnn
Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com