Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXM0SIDL Datasheet(PDF) 17 Page - Microchip Technology

Part # RXM0SIDL
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RXM0SIDL Datasheet(HTML) 17 Page - Microchip Technology

Back Button RXM0SIDL Datasheet HTML 13Page - Microchip Technology RXM0SIDL Datasheet HTML 14Page - Microchip Technology RXM0SIDL Datasheet HTML 15Page - Microchip Technology RXM0SIDL Datasheet HTML 16Page - Microchip Technology RXM0SIDL Datasheet HTML 17Page - Microchip Technology RXM0SIDL Datasheet HTML 18Page - Microchip Technology RXM0SIDL Datasheet HTML 19Page - Microchip Technology RXM0SIDL Datasheet HTML 20Page - Microchip Technology RXM0SIDL Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 17
MCP2515
FIGURE 3-1:
TRANSMIT MESSAGE FLOWCHART
Start
Is
CAN bus available
to start transmission?
No
Examine TXBnCTRL.TXP <1:0> to
Are any
TXBnCTRL.TXREQ
?
bits = 1
The message transmission
sequence begins when the
device determines that the
TXBnCTRL.TXREQ for any of
the transmit registers has been
set.
Clear:
TXBnCTRL.ABTF
TXBnCTRL.MLOA
TXBnCTRL.TXERR
Yes
is
TXBnCTRL.TXREQ=0
or CANCTRL.ABAT=1
Clearing the TxBnCTRL.TXREQ bit
while it is set, or setting the CANC-
TRL.ABAT bit before the message
has started transmission, will abort
the message.
No
Transmit Message
Was
Message Transmitted
Successfully?
No
Yes
Clear TxBnCTRL.TXREQ
CANINTE.TXnIE=1?
Generate
Interrupt
Yes
Message
Yes
Set
Set
TxBnCTRL.TXERR
Lost
Determine Highest Priority Message
No
?
Set
TxBNCTRL.MLOA
The CANINTE.TXnIE bit
determines if an interrupt
should be generated when
a message is successfully
transmitted.
GOTO START
CANTINF.TXnIF
Yes
No
Message error
or
Lost arbitration
Arbitration
Error
CANINTE.MEERE?
No
Generate
Interrupt
Yes
Set
CANTINF.MERRF
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com