| Electronic Components Datasheet Search |
|
RXB0CTRL Datasheet(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RXB0CTRL Datasheet(HTML) 33 Page - Microchip Technology |
|
33 / 92 page ![]() 2003-2012 Microchip Technology Inc. DS21801G-page 33 MCP2515 4.5.3 FILHIT BITS Filter matches on received messages can be determined by the FILHIT bits in the associated RXBnCTRL register. RXB0CTRL.FILHIT0 for buffer 0 and RXB1CTRL.FILHIT<2:0> for buffer 1. The three FILHIT bits for receive buffer 1 (RXB1) are coded as follows: - 101 = Acceptance Filter 5 (RXF5) - 100 = Acceptance Filter 4 (RXF4) - 011 = Acceptance Filter 3 (RXF3) - 010 = Acceptance Filter 2 (RXF2) - 001 = Acceptance Filter 1 (RXF1) - 000 = Acceptance Filter 0 (RXF0) RXB0CTRL contains two copies of the BUKT bit and the FILHIT<0> bit. The coding of the BUKT bit enables these three bits to be used similarly to the RXB1CTRL.FILHIT bits and to distinguish a hit on filter RXF0 and RXF1 in either RXB0 or after a roll over into RXB1. - 111 = Acceptance Filter 1 (RXB1) - 110 = Acceptance Filter 0 (RXB1) - 001 = Acceptance Filter 1 (RXB0) - 000 = Acceptance Filter 0 (RXB0) If the BUKT bit is clear, there are six codes corresponding to the six filters. If the BUKT bit is set, there are six codes corresponding to the six filters, plus two additional codes corresponding to RXF0 and RXF1 filters that roll over into RXB1. 4.5.4 MULTIPLE FILTER MATCHES If more than one acceptance filter matches, the FILHIT bits will encode the binary value of the lowest numbered filter that matched. For example, if filter RXF2 and filter RXF4 match, FILHIT will be loaded with the value for RXF2. This essentially prioritizes the acceptance filters with a lower-numbered filter having higher priority. Messages are compared to filters in ascending order of filter number. This also ensures that the message will only be received into one buffer. This implies that RXB0 has a higher priority than RXB1. 4.5.5 CONFIGURING THE MASKS AND FILTERS The mask and filter registers can only be modified when the MCP2515 is in Configuration mode (see Section 10.0 “Modes of Operation”). FIGURE 4-5: MESSAGE ACCEPTANCE MASK AND FILTER OPERATION Note: 000 and 001 can only occur if the BUKT bit in RXB0CTRL is set, allowing RXB0 messages to roll over into RXB1. Note: The mask and filter registers read all '0' when in any mode except Configuration mode. Acceptance Filter Register Acceptance Mask Register RxRqst Message Assembly Buffer RXFn0 RXFn1 RXFnn RXMn0 RXMn1 RXMnn Identifier |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |