Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXUVHS6 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUVHS6
Description  PHOTODIODE 0.0008 mm SMA connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUVHS6 Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUVHS6 Datasheet HTML 1Page - OptoDiode Corp AXUVHS6 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
FEATURES
• SMA connector
• Ideal for electron detection
• 100% internal QE
• Ultra high speed
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Active Area
Responsivity, R
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Dark Current
THERMAL PARAMETERS
STORAGE AND OPERATING TEMPERATURE RANGE
Ambient2
Nitrogen or Vacuum
Maximum Junction Temperature
-10° TO 40°C1
-20°C TO 80°C
70°C
10.08" from case for 10 seconds.
2Temperatures exceeding these parameters may create Oxide growth on the active area.
Over time Responsivity to Low energy radiation and wavelengths below 150nm will Be Compromised.
Tighten to maximum torque of 5 inch/pounds.
Permament damage will result if higher torque values are used and warranty is voided.
Dimensions are in inch [metric] units.
0.029mm x 0.029mm
(see graphs on next page)
IR = 1µA
VR = 50V
VR = 52V, RL = 50
VR = 52V
55
0.0008
1
50
0.5
3
10
mm2
Volts
pF
psec
nA
PHOTODIODE 0.0008 mm2
AXUVHS6
Revision June 23, 2013


Similar Part No. - AXUVHS6

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVHS6 OPTODIODE-AXUVHS6 Datasheet
264Kb / 2P
PHOTODIODE 0.0008 mm2
AXUVHS6 OPTODIODE-AXUVHS6_15 Datasheet
264Kb / 2P
PHOTODIODE 0.0008 mm2
More results

Similar Description - AXUVHS6

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVHS5 OPTODIODE-AXUVHS5 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUVHS11 OPTODIODE-AXUVHS11 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
UVG100 OPTODIODE-UVG100 Datasheet
283Kb / 2P
PHOTODIODE 100 mm
UVG20C OPTODIODE-UVG20C Datasheet
245Kb / 2P
PHOTODIODE 20 mm
SXUV300C OPTODIODE-SXUV300C Datasheet
247Kb / 2P
PHOTODIODE 331 mm
ODD-AXU-064 OPTODIODE-ODD-AXU-064 Datasheet
264Kb / 2P
PHOTODIODE 0.0008 mm2
ODD-AXU-168 OPTODIODE-ODD-AXU-168 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
ODD-SXU-004 OPTODIODE-ODD-SXU-004 Datasheet
254Kb / 2P
PHOTODIODE 횠5 mm
AXUVHS6 OPTODIODE-AXUVHS6_15 Datasheet
264Kb / 2P
PHOTODIODE 0.0008 mm2
AXUVHS11 OPTODIODE-AXUVHS11_15 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com