Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP35CA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # TIP35CA
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP35CA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  TIP35CA Datasheet HTML 1Page - KEC(Korea Electronics) TIP35CA Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 5. 16
1/2
SEMICONDUCTOR
TECHNICAL DATA
TIP35CA
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 0
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
Recommended for 75W Audio Frequency
Amplifier Output Stage.
Complementary to TIP36CA.
Icmax:25A.
MAXIMUM RATING (Ta=25
)
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
TO-3P(N)-E
K
A
D
B
d
PP
T
Q
1
2
3
M
N
O
E
A
MILLIMETERS
DIM
B
C
D
d
E
F
G
H
I
J
K
L
O
N
P
Q
M
19.90
0.20
2.00
0.20
1.00
0.20
3.00
0.20
3.80
0.20
3.50
0.20
13.90
0.20
12.76
0.20
23.40
0.20
1.5+0.15-0.05
16.50
0.30
1.40
0.20
13.60
0.20
9.60
0.20
5.45
0.30
R
T
0.60+0.15-0.05
15.60
0.20
+
_
4.80
0.20
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
3.20
0.10
+
_
18.70
0.20
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=100V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
10
A
Collector-emitter Breakdown Voltage
V(BR)CEO
IC=50mA, IB=0
100
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=5V, IC=1.5A
55
-
160
hFE(2)
VCE=4V, IC=15A
15
-
-
Collector-Emitter Saturation Voltage
VCE(sat)(1)
IC=15A, IB=1.5A
-
-
1.8
V
VCE(sat)(2)
IC=25A, IB=5.0A
-
-
4.0
Base-Emitter Voltage
VBE
VCE=5V, IC=5A
-
-
1.5
V
Transition Frequency
fT
VCE=5V, IC=1A
3.0
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
25
A
Base Current
IB
5.0
A
Collector Power Dissipation
(Tc=25
)
PC
125
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Note : hFE(1) Classification R:55~110,
O:80~160


Similar Part No. - TIP35CA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
TIP35CA KEC-TIP35CA_15 Datasheet
445Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - TIP35CA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com