Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854AST Datasheet(PDF) 38 Page - Analog Devices

Part # AD9854AST
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854AST Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9854AST Datasheet HTML 34Page - Analog Devices AD9854AST Datasheet HTML 35Page - Analog Devices AD9854AST Datasheet HTML 36Page - Analog Devices AD9854AST Datasheet HTML 37Page - Analog Devices AD9854AST Datasheet HTML 38Page - Analog Devices AD9854AST Datasheet HTML 39Page - Analog Devices AD9854AST Datasheet HTML 40Page - Analog Devices AD9854AST Datasheet HTML 41Page - Analog Devices AD9854AST Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AD9854
Rev. E | Page 38 of 52
MSB/LSB TRANSFERS
The AD9854 serial port can support MSB- and LSB-first data
formats. This functionality is controlled by Bit 1 of Serial
Register Bank 20 hex. When this bit is set active high, the
AD9854 serial port is in LSB-first format. This bit defaults low,
to the MSB-first format. The instruction byte must be written in
the format indicated by Bit 1 of Serial Register Bank 20 hex.
Therefore, if the AD9854 is in LSB-first mode, the instruction
byte must be written from least significant bit to most
significant bit.
CONTROL REGISTER DESCRIPTION
The control register is located in the shaded portion of Table 8
at Address 1D to Address 20 hex. It is composed of 32 bits.
Bit 31 is located at the top left position, and Bit 0 is located in
the lower right position of the shaded portion. In the text that
follows, the register descriptions have been subdivided to make it
easier to locate the text associated with specific control categories.
CR [31:29] are open.
CR [28] is the comparator power-down bit. When this bit is set
(Logic 1), its signal indicates to the comparator that a power-
down mode is active. This bit is an output of the digital section
and is an input to the analog section.
CR [27] must always be written to Logic 0. Writing this bit to
Logic 1 causes the AD9854 to stop functioning until a master
reset is applied.
CR [26] is the Q DAC power-down bit. When this bit is set
(Logic 1), it indicates to the Q DAC that a power-down mode
is active.
CR [25] is the full DAC power-down bit. When this bit is set
(Logic 1), it indicates to both the I and Q DACs, as well as the
reference, that a power-down mode is active.
CR [24] is the digital power-down bit. When this bit is set
(Logic 1), its signal indicates to the digital section that a power-
down mode is active. Within the digital section, the clocks are
forced to dc, effectively powering down the digital section. In
this state, the PLL still accepts the REFCLK signal and
continues to output the higher frequency.
CR [23] is reserved. Write to 0.
CR [22] is the PLL range bit, which controls the VCO gain. The
power-up state of the PLL range bit is Logic 1; a higher gain is
required for frequencies greater than 200 MHz.
CR [21] is the bypass PLL bit, active high. When this bit is
active, the PLL is powered down and the REFCLK input is used
to drive the system clock signal. The power-up state of the
bypass PLL bit is Logic 1 with PLL bypassed.
CR [20:16] bits are the PLL multiplier factor. These bits are the
REFCLK multiplication factor unless the bypass PLL bit is set.
The PLL multiplier valid range is from 4 to 20, inclusive.
CR [15] is the Clear Accumulator 1 bit. This bit has a one-shot
type of function. When this bit is written active (Logic 1), a
Clear Accumulator 1 signal is sent to the DDS logic, resetting
the accumulator value to 0. The bit is then automatically reset,
but the buffer memory is not reset. This bit allows the user to
easily create a sawtooth frequency sweep pattern with minimal
intervention. This bit is intended for chirp mode only, but its
function is still retained in other modes.
CR [14] is the clear accumulator bit. When this bit is active high,
it holds both the Accumulator 1 and Accumulator 2 values at 0
for as long as the bit is active. This allows the DDS phase to be
initialized via the I/O port.
CR [13] is the triangle bit. When this bit is set, the AD9854
automatically performs a continuous frequency sweep from F1
to F2 frequencies and back. This results in a triangular
frequency sweep. When this bit is set, the operating mode must
be set to ramped FSK.
CR [12] is the source Q DAC bit. When this bit is set high, the
Q path DAC accepts data from the Q DAC register.
CR [11:9] are the three bits that describe the five operating
modes of the AD9854:
0x0 = single-tone mode
0x1 = FSK mode
0x2 = ramped FSK mode
0x3 = chirp mode
0x4 = BPSK mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com