Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708TARZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM708TARZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708TARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM708TARZ Datasheet HTML 8Page - Analog Devices ADM708TARZ Datasheet HTML 9Page - Analog Devices ADM708TARZ Datasheet HTML 10Page - Analog Devices ADM708TARZ Datasheet HTML 11Page - Analog Devices ADM708TARZ Datasheet HTML 12Page - Analog Devices ADM708TARZ Datasheet HTML 13Page - Analog Devices ADM708TARZ Datasheet HTML 14Page - Analog Devices ADM708TARZ Datasheet HTML 15Page - Analog Devices ADM708TARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 12 of 16
APPLICATIONS INFORMATION
A typical operating circuit is shown in Figure 20. The unregulated
dc input supply is monitored using the PFI input via the resistive
divider network. Resistor R1 and Resistor R2 are to be selected
so that when the supply voltage drops below the desired level
(for example, 5 V), the voltage on PFI drops below the 1.25 V
threshold, thereby generating an interrupt to the microprocessor.
Monitoring the preregulator input gives additional time to
execute an orderly shutdown procedure before power is lost.
RESET
GND
MR
PFI
WDI
PFO
RESET
VCC
3.3V
WDO
VCC
I/O LINE
INTERRUPT
NMI
MANUAL
GND
RESET
GND
IN
OUT
ADM666A
MICROPROCESSOR
ADM706R/
ADM706S/
ADM706T
UNREGULATED
DC
Figure 20. Typical Application Circuit
Microprocessor activity is monitored using the WDI input. This
is driven using an output line from the processor. The software
routines toggle this line at least once every 1.6 seconds. If a problem
occurs and this line is not toggled, WDO goes low and a nonmask-
able interrupt is generated. This interrupt routine is to be used
to clear the problem.
If, in the event of inactivity on the WDI line, a system reset is
required, the WDO output is to be connected to the input as
shown in
.
Figure 21
RESET
GND
I/O LINE
MR
PFI
WDI
WDO
RESET
MICROPROCESSOR
ADM706R/
ADM706S/
ADM706T
Figure 21. RESET from WDO
MONITORING ADDITIONAL SUPPLY LEVELS
It is possible to use the power-fail comparator to monitor a second
supply as shown in Figure 22. The two sensing resistors, R1 and
R2, are selected such that the voltage on PFI drops below 1.25 V at
the minimum acceptable input supply. The PFO output can be
connected to the MR input so that a
reset is generated when
the supply drops out of tolerance. In this case, if either supply
drops out of tolerance, a
reset is generated.
V
RESET
GND
MR
PFI
WDI
PFO
RESET
X
+3V/+3.3V
VCC
R1
R2
ADM706R/
ADM706S/
ADM706T
MICROPROCESSOR
Figure 22. Monitoring 3 V/3.3 V and an Additional Supply, VX
MICROPROCESSORS WITH BIDIRECTIONAL RESET
To prevent contention for microprocessors with a bidirectional
reset line, a current limiting resistor is to be inserted between
the ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/
ADM708T RESET output pin and the microprocessor reset pin.
This limits the current to a safe level if there are conflicting output
reset levels. A suitable resistor value is 4.7 kΩ. If the reset output is
required for other uses, it should be buffered as shown in
.
Figure 23
RESET
GND
RESET
GND
BUFFERED
RESET
+3V/+3.3V
VCC
ADM706R/ADM706S/
ADM706T/ADM708R/
ADM708S/ADM708T
MICROPROCESSOR
Figure 23. Bidirectional Input/Output RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com