Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N1613 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N1613
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N1613 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N1613 Datasheet HTML 1Page - Comset Semiconductor 2N1613 Datasheet HTML 2Page - Comset Semiconductor 2N1613 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2N1613 – 2N1711
COMSET SEMICONDUCTORS
1/3
The 2N1613 and 2N1711 are NPN transistors mounted in TO-39 metal package with the collector
connected to the case .
They are designed for use in high-performance amplifier, oscillator and switching circuits.
The 2N1711 is also used to advantage in amplifiers where low noise is an important factor.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
75
V
VCER
Collector-Emitter Voltage (RBE = 10Ω)
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
5
mA
ICM
Peak Collector Current
1
A
IBM
Peak Base Current
200
mA
PD
Total Power Dissipation
@ Tcase= 25°
3
W
@ Tcase= 100°
1.7
W
@ Tamb= 25°
0.8
W
TJ
Junction Temperature
200
°C
TStg
Storage Temperature range
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-case
58
°C/ W
RthJ-amb
Thermal Resistance, Junction-ambient
219
°C/ W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - 2N1613

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1613 PHILIPS-2N1613 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 11
logo
STMicroelectronics
2N1613 STMICROELECTRONICS-2N1613 Datasheet
61Kb / 5P
SWITCHES AND UNIVERSAL AMPLIFIERS
Jan-1989
logo
Fairchild Semiconductor
2N1613 FAIRCHILD-2N1613 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Micro Electronics
2N1613 MICRO-ELECTRONICS-2N1613 Datasheet
92Kb / 2P
NPN LISICON PLANAR EPITAXIAL TRANSISTORS
logo
Microsemi Corporation
2N1613 MICROSEMI-2N1613 Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - 2N1613

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com