Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2218 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2218
Description  SWITCHING SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2218 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2218 Datasheet HTML 1Page - Comset Semiconductor 2N2218 Datasheet HTML 2Page - Comset Semiconductor 2N2218 Datasheet HTML 3Page - Comset Semiconductor 2N2218 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN 2N2218 – 2N2218A
2N2219 – 2N2219A
16/10/2012
COMSET SEMICONDUCTORS
2 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Max
Unit
ICBO
Collector Cutoff
Current
VCB= 50 V
IE= 0
Tj= 25°C
2N2218-2N2219
-
-
10
nA
Tj= 150°C 2N2218-2N2219
-
-
10
µA
VCB= 60 V
IE= 0
Tj= 25°C
2N2218A-2N2219A
-
-
10
nA
Tj= 150°C 2N2218A-2N2219A
-
-
10
µA
IEBO
Emitter Cutoff
Current
VBE= 3.0 V, IC=0
2N2218-2N2219
-
-
10
nA
2N2218A-2N2219A
ICEX
Collector Cutoff
Current
VCE= 60 V, -VBE= 3V
2N2218A-2N2219A
-
-
10
nA
VCEO
Collector Emitter
Breakdown
Voltage (*)
IC= 10 mA, IB= 0
2N2218-2N2219
30
-
-
V
2N2218A-2N2219A
40
-
-
VCBO
Collector Base
Breakdown
Voltage
IC= 10 µA, IE= 0
2N2218-2N2219
60
-
-
V
2N2218A-2N2219A
75
-
-
VEBO
Emitter Base
Breakdown
Voltage
IE= 10 µA, IC= 0
2N2218-2N2219
5
-
-
V
2N2218A-2N2219A
6
-
-
hFE
DC Current Gain
(*)
IC=0.1 mA, VCE=10 V
2N2218-2N2218A
20
-
-
-
2N2219-2N2219A
35
-
-
IC=1 mA, VCE=10 V
2N2218-2N2218A
25
-
-
2N2219-2N2219A
50
-
-
IC=10 mA, VCE=10 V
2N2218-2N2218A
35
-
-
2N2219-2N2219A
75
-
-
IC=10 mA, VCE=10 V
Tamb = -55°C
2N2218A
15
-
-
2N2219A
35
-
-
IC=150 mA, VCE=1 V
2N2218-2N2218A
20
-
-
2N2219-2N2219A
50
-
-
IC=150 mA, VCE=10 V
2N2218-2N2218A
40
-
120
2N2219-2N2219A
100
-
300
IC=500 mA, VCE=10 V
2N2218
20
-
-
2N2218A
25
2N2219
30
-
-
2N2219A
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com