Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4033 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N4033
Description  GENERAL PURPOSE AMPLIFIERS AND SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4033 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N4033 Datasheet HTML 1Page - Comset Semiconductor 2N4033 Datasheet HTML 2Page - Comset Semiconductor 2N4033 Datasheet HTML 3Page - Comset Semiconductor 2N4033 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP 2N4030 – 2N4031 – 2N4032 – 2N4033
17/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
hFE (*)
DC Current Gain
-IC = 100 µA, -VCE = 5 V
2N4030
30
-
-
-
2N4031
2N4032
75
-
-
2N4033
-IC = 100 mA, -VCE = 5V
2N4030
40
-
120
2N4031
2N4032
100
-
300
2N4033
-IC = 500 mA, -VCE = 5V
2N4030
25
-
-
2N4031
2N4032
70
-
-
2N4033
-IC = 1 A, -VCE = 5 V
2N4030
15
-
-
2N4031
10
-
-
2N4032
40
-
-
2N4033
25
-
-
-IC = 100 mA, -VCE = 5V
Tamb = -55°c
2N4030
15
-
-
2N4031
2N4032
40
-
-
2N4033
fT
Transition
Frequency
-IC = 50 mA, -VCE = 10 V
f = 100 MHZ
2N4030
100
-
400
MHZ
2N4031
2N4032
150
-
500
2N4033
CEBO
Emitter – base
Capacitance
IC = 0, -VEB = 0.5 V
f = 1 MHZ
-
-
110
pF
CCBO
Collector – base
Capacitance
IE = 0, -VCB = 10V
f = 1 MHZ
-
-
20
pF
tS
Storage times
-IC =500 mA, -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
350
ns
tf
Fall times
-IC =500 mA, -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
50
ns
ton
Turn-on times
-IC =500 mA, -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
100
ns
(*) Pulsed : pulse duration = 300µs, duty cycle = 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com