Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9515 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9515
Description  Low Jitter Sampling Clock Generator for High Performance ADCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515 Datasheet(HTML) 1 Page - Analog Devices

  AD9515 Datasheet HTML 1Page - Analog Devices AD9515 Datasheet HTML 2Page - Analog Devices AD9515 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Circuit Note
CN-0109
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuit.
Devices Connected/Referenced
AD9958/
AD9858
500 MSPS/1 GSPS Direct Digital
Synthesizer (DDS)
AD9515
Clock Distribution IC and Pin Programmable
Mini-Divider
AD6645
14-Bit, 80 MSPS/105 MSPS ADC
Low Jitter Sampling Clock Generator for High Performance ADCs Using the
AD9958/AD9858 500 MSPS/1GSPS DDS and AD9515 Clock Distribution IC
Rev. 0
“Circuits from the Lab” from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformance havebeentestedandverifiedinalabenvironment
atroomtemperature.However,youaresolelyresponsible fortestingthe circuit anddetermining its
suitability and applicability for your use and application. Accordingly, in no event shall Analog
Devices be liable for direct, indirect, special, incidental, consequential or punitive damages due to
anycausewhatsoeverconnectedtotheuseofany“CircuitfromtheLab”. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
This circuit uses a direct digital synthesizer (DDS) with sub-
Hertz tuning resolution as a low jitter sampling clock source for
high performance ADCs. The AD9515 clock distribution IC
provides PECL logic levels to the ADC. However, the AD9515
internal divider feature also allows the DDS to run at a higher
frequency into the AD9515 front end, effectively increasing
input slew rate. A higher slew rate into the AD9515 input
squaring circuit can help reduce broadband jitter in the
clock path.
Jitter on the ADC sampling clock produces degradation in the
overall signal-to-noise ratio (SNR). The relationship is given by
Equation 1.
=
j
ft
SNR
π
2
1
log
20
10
(1)
where f is the full-scale analog input frequency, and tj is the rms
jitter. "SNR" in Equation 1 is the SNR due solely to clock jitter
and does not depend on the resolution of the ADC.
The following data supports low jitter attainable from a DDS in
clocking applications. Further details on Equation 1 and its use
for evaluating the jitter on ADC sampling clocks can be found
in Application Note AN-501.
CIRCUIT DESCRIPTION
The circuit configuration in Figure 1 shows a DDS-based clock
generator, consisting of a DDS followed by a reconstruction
filter and an AD9515 clock distribution IC, used to provide the
sampling clock for an analog-to-digital converter (ADC). The
DDS sampling clock is derived from a Rohde and Schwarz
SMA signal generator. The jitter measurement was made by
using the clock derived from the DDS and the AD9515 as the
sampling clock for the high performance AD6645 14-bit,
80 MSPS/105 MSPS ADC. The analog input signal for the ADC
is a filtered 170.3 MHz sine wave derived from a low jitter
Wenzel crystal oscillator (www.wenzel.com). Data was taken on
two different DDSes: the AD9958 (500 MSPS) and the
AD9858 (1 GSPS).
AD6645
FFT
ANALYSIS
BPF
ROHDE AND SCHWARZ SMA GENERATOR
500MHz AND 1GHz @ +6dBm
RECONSTRUCTION
FILTER
AIN = 170.3MHz
DIFFERENTIAL PECL
SAMPLING CLOCK
WENZEL
ULN-SERIES
CRYSTAL
OSCILLATOR
AD9515
LPF/BPF
DDS
AD9958, AD9858
Figure 1. DDS-Based ADC Sampling Clock Generator
(Simplified Diagram)
By evaluating the contribution of the ADC’s differential non-
linearity and thermal noise and then applying the DDS-based
clock and measuring the ADC SNR, the added jitter attributable
to the DDS-based clock can be derived. For more details on the
measurement setup and the jitter calculations, refer to
Application Note AN-823. Also, Application Note AN-837 is
instructive for designing DAC reconstruction filters with
optimal stop-band performance.
Table 1 shows data for the AD9958 test results. The data
confirms that better jitter performance is achieved as the
frequency, or slew rate, of the DDS output frequency is
increased and as the DDS output filter pass band is decreased.
Table 2 shows the AD9858 with a 5% band-pass filter, a
225 MHz low-pass filter, and various levels of DDS output
power. As expected, lower jitter is achieved as power is
increased and bandwidth reduced. With a 5% band-pass filter,
the majority of the spurs from the DAC are attenuated. The
jitter in this case is much more dependent on noise coupling
between the DAC output and the limiter input. This is proven
by the strong correlation between jitter reduction and increased


Similar Part No. - AD9515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515/PCB AD-AD9515/PCB Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9515/PCBZ AD-AD9515/PCBZ Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
AD9515BCPZ AD-AD9515BCPZ Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
More results

Similar Description - AD9515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
logo
Asahi Kasei Microsystem...
AK8160B2 AKM-AK8160B2 Datasheet
338Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
logo
Renesas Technology Corp
8V19N880 RENESAS-8V19N880 Datasheet
1Mb / 89P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
8V19N882 RENESAS-8V19N882 Datasheet
1Mb / 92P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com