Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4350 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4350
Description  Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350 Datasheet(HTML) 3 Page - Analog Devices

  ADF4350 Datasheet HTML 1Page - Analog Devices ADF4350 Datasheet HTML 2Page - Analog Devices ADF4350 Datasheet HTML 3Page - Analog Devices ADF4350 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Circuit Note
CN-0147
Rev. C | Page 3 of 4
100
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOUT = 2.2V
IL = 1mA
CL = 10µF
CNR = 10nF
CL = 10µF
CNR = 0
CL = 1µF
CNR = 0
CL = 1µF
CNR = 10nF
Figure 4. ADP3334 Output Noise Spectrum
0.501
0.001
0.051
0.101
0.151
0.201
0.251
0.301
0.351
0.401
0.451
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 1.8V
VOUT = 2.8V
VOUT = 3.3V
Figure 5. ADP150 output noise spectrum
The noise contribution from the supply is then rss summed
with the noise contribution of the VCO (itself measured with a
very low noise supply) to give the total noise at the VCO output
with a given regulator.
These noise performances are rss summed together to give the
expected VCO phase noise:
2
2
(LDO)
(VCO)
(TOTAL)
L
L
L
+
=
Or expressed in dB
[ (
) (
)
]
2
20
/
2
20
/
10
10
log
10
LLDO
LVCO
(TOTAL)
L
+
=
In this example, a 100 kHz noise spectral density offset is
chosen, a 6 MHz/V pushing figure is used, and −110 dBc/Hz is
taken as the VCO noise with an ideal supply.
Using a dedicated signal source analyzer (like Rohde & Schwarz
FSUP), the VCO phase noise is compared. At 100 kHz offset the
ADP3334 delivers −102.6 dBc/Hz (Figure 6), and in the same
configuration the ADP150 measures −108.5 dBc/Hz (Figure 7).
Table 2. Calculation and Measurement of VCO Noise
ADP3334
ADP150
Noise contribution from regulator
(nV/√Hz)
150
25
Noise contribution from regulator
(dBc/Hz)
−104
−119.5
Total calculated noise at VCO output
(dBc/Hz)
−103
−109.5
Measured VCO noise at 100 kHz offset
(dBc/Hz)
−102.6
−108.5
Figure 6. ADF4350 Phase Noise at 4.4 GHz with ADP3334 Regulators
Figure 7. ADF4350 Phase Noise at 4.4 GHz with ADP150 Regulators
The integrated phase noise improves from 1.95° to 1.4° rms
also. The measured results correlate very closely with the
calculations and clearly show the benefit of using the ADP150
with the ADF4350.
A complete design support package for this circuit note can be
found at http://www.analog.com/CN0147-DesignSupport.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com