Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP121 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP121
Description  Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 3 Page - Analog Devices

  ADP121 Datasheet HTML 1Page - Analog Devices ADP121 Datasheet HTML 2Page - Analog Devices ADP121 Datasheet HTML 3Page - Analog Devices ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices ADP121 Datasheet HTML 6Page - Analog Devices ADP121 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Circuit Note
CN-0187
Rev. 0| Page 3 of 7
Typical measured performance characteristics of the circuit are
presented in Figure 2 through Figure 5.
0.01
0.1
1
10
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
450MHz
900MHz
1900MHz
2350MHz
2600MHz
Figure 2. Measured VRMS Output vs. Input Level (Log Scale), 450 MHz,
900 MHz, 1900 MHz, 2350 MHz, 2600 MHz, Supply +3.3 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.2
0.4
0.6
0.8
1.0
INPUT (V rms)
450MHz
900MHz
1900MHz
2350MHz
2600MHz
Figure 3. Measured VRMS Output vs. Input Level (Linear Scale), 450 MHz,
900 MHz, 1900 MHz, 2350 MHz, 2600 MHz, Supply +3.3 V
0.01
0.1
1
10
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
450MHz
900MHz
1900MHz
2350MHz
2600MHz
Figure 4. Measured PEAK Output vs. Input Level (Log Scale), 450 MHz,
900 MHz, 1900 MHz, 2350 MHz, 2600 MHz, Supply +3.3 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.2
0.4
0.6
0.8
1.0
INPUT (V rms)
450MHz
900MHz
1900MHz
2350MHz
2600MHz
Figure 5. Measured PEAK Output vs. Input Level (Linear Scale), 450 MHz,
900 MHz, 1900 MHz, 2350 MHz, 2600 MHz, Supply +3.3 V
The turn-on time and pulse response is strongly influenced by
the size of the square-domain filter (CFLTR) and output shunt
capacitor connected to the VRMS output. Figure 6 (taken from
the ADL5502 data sheet) shows a plot of the output response to
an RF pulse on the RFIN pin, with a 0.1 μF output filter
capacitor and no square-domain filter capacitor (CFLTR). The
falling edge is particularly dependent on the output shunt
capacitance.
1ms/DIV
70mV rms
160mV rms
250mV rms
400mV rms RF INPUT
VRMS
PULSED RFIN
Figure 6. Output Response to Various RF Input Pulse Levels, Supply3 V,
900 MHz Frequency, Square-Domain Filter Open, Output Filter 0.1 μF
To improve the falling edge of the enable and pulse responses,
a resistor can be placed in parallel with the output shunt
capacitor. The added resistance helps to discharge the output
filter capacitor. Although this method reduces the power-off
time, the added load resistor also attenuates the output (see the
Output Drive Capability and Buffering section of the ADL5502
data sheet). Figure 7 (taken from the ADL5502 data sheet)
shows the improvement obtained by adding a parallel 1 kΩ
resistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com