Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44694 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44694
Description  SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44694 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44694 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44694 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ,
RG405
Configuration
Connector
SMA Female
Connector Interface Type
PE-SR405AL,PE-SR405FL,PE-SR405FLJ,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405 from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, RG405 PE44694
URL: http://www.pasternack.com/sma-female-standard-pe-sr405al-pe-sr405fl-pe-sr405flj-connector-pe44694-p.aspx
PE44694
PE44694 REV
SMA Female Precision Connector Solder Attachment For
PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405


Similar Part No. - PE44694

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4469 PASTERNACK-PE4469 Datasheet
216Kb / 2P
TNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .480 inch D Hole
PE4469 PASTERNACK-PE4469 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44694

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44706 PASTERNACK-PE44706 Datasheet
866Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44696 PASTERNACK-PE44696 Datasheet
910Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44714 PASTERNACK-PE44714 Datasheet
237Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com