Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44705 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44705
Description  N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44705 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44705 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44705 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
Configuration
Connector
N Female
Connector Interface Type
PE-SR402AL,PE-SR402FL,PE-SR402FLJ,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.083 [27.51]
Width/Dia., in [mm]
0.63 [16.00]
.
Connector
Type
N Female
Contact Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Precision Connector SolderAttachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ,
RG402 PE44705
URL: http://www.pasternack.com/n-female-standard-pe-sr402al-pe-sr402fl-pe-sr402flj-connector-pe44705-p.aspx
PE44705
PE44705 REV
N Female Precision Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402


Similar Part No. - PE44705

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4470 PASTERNACK-PE4470 Datasheet
229Kb / 3P
TNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4470 PASTERNACK-PE4470 Datasheet
324Kb / 3P
TNC Male Connector Solder Attachment
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44702 PASTERNACK-PE44702 Datasheet
851Kb / 3P
N Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44705

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4652 PASTERNACK-PE4652 Datasheet
225Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44715 PASTERNACK-PE44715 Datasheet
855Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44697 PASTERNACK-PE44697 Datasheet
913Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44703 PASTERNACK-PE44703 Datasheet
853Kb / 3P
N Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44707 PASTERNACK-PE44707 Datasheet
879Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44713 PASTERNACK-PE44713 Datasheet
868Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com