Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BAS40
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS40 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BAS40_13 Datasheet HTML 7Page - NXP Semiconductors BAS40_13 Datasheet HTML 8Page - NXP Semiconductors BAS40_13 Datasheet HTML 9Page - NXP Semiconductors BAS40_13 Datasheet HTML 10Page - NXP Semiconductors BAS40_13 Datasheet HTML 11Page - NXP Semiconductors BAS40_13 Datasheet HTML 12Page - NXP Semiconductors BAS40_13 Datasheet HTML 13Page - NXP Semiconductors BAS40_13 Datasheet HTML 14Page - NXP Semiconductors BAS40_13 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BAS40_1PSXXSB4X_SER_8
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 13 January 2010
11 of 21
NXP Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T2: reverse taping
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number Package
Description
Packing quantity
3000 4000 8000 10000
1PS70SB40
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS76SB40
SOD323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS79SB40
SOD523
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40H
SOD123F 4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40L
SOD882
2 mm pitch, 8 mm tape and reel
-
-
-
-315
BAS40W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS70SB44
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-04
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-04W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS70SB45
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS75SB45
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-05
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-05W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS70SB46
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-06
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-06W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-07
SOT143B
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-07V
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
BAS40-05V
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
1PS88SB48
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165
BAS40XY
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com