Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD202 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD202
Description  SILCON EPITAXIAL-BASE POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD202 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD202 Datasheet HTML 1Page - Comset Semiconductor BD202 Datasheet HTML 2Page - Comset Semiconductor BD202 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD202 – BD204
18/10/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
-ICEO
Collector Cutoff Current
-VCE=30 V, IB=0V
BD202
-
-
0.2
mA
BD204
-ICBO
Collector Cutoff Current
-VCB=40 V, IE=0V
Tj=150°C
BD202
-
-
1
mA
BD204
-IEBO
Emitter Cutoff Current
-VBE=5 V, IC=0
BD202
-
-
0.5
mA
BD204
-VCBO
Collector-Base Breakdown
Voltage
-IC=1 m A, IE= 0
BD202
60
-
-
V
BD204
-VCEO
Collector Emitter
Breakdown Voltage (*)
-IC=200 m A, IB= 0
BD202
45
-
-
V
BD204
60
-
-
-VEBO
Emitter Base Breakdown
Voltage
-IE =1 mA, IC =0
BD202
5
-
-
V
BD204
-VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=3 A, -IB=300 mA
BD202
-
-
1
V
BD204
-IC=6 A, -IB=600 mA
BD202
-
-
1.5
BD204
-VBE(SAT)
Base-Emitter saturation
Voltage (*)
-IC=6 A, -IB=600 mA
BD202
-
-
2
BD204
-VBE
Base Emitter Voltage (*)
-IC=3 A, -VCE=2 V
BD202
-
-
1.5
V
BD204
hFE
DC Current Gain (*)
-IC=3 A, -VCE=2 V
BD202
30
-
-
-
-IC=2 A, -VCE=2 V
BD204
30
-
-
fhfe
Cut-off frequency
-IC=300 mA
-VCE=3 V
BD202
25
-
-
KHz
BD204
fT
Transition frequency
-IC=300 mA
-VCE=3 V
f= 1MHz
BD202
7
-
-
MHz
BD204
Is/b
Forward bias second
breakdown collector
current
-VCE=40 V,tp= 0.1 s
Tamb= 25 °C
BD202
1.5
-
-
A
BD204
hFE1/hFE2
DC current gain
-IC=1 A, VCE=2 V
BD202
2.5
-
-
-
BD204
ton
Turn-on time
-ICon=2 A
-IBon = IBoff =200 mA
BD202
-
-
1
µs
BD204
Toff
Turn-off time
BD202
-
-
2
BD204
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com