Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C52 Datasheet(PDF) 1 Page - Intersil Corporation

Part # 82C52
Description  CMOS Serial Controller Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C52 Datasheet(HTML) 1 Page - Intersil Corporation

  82C52 Datasheet HTML 1Page - Intersil Corporation 82C52 Datasheet HTML 2Page - Intersil Corporation 82C52 Datasheet HTML 3Page - Intersil Corporation 82C52 Datasheet HTML 4Page - Intersil Corporation 82C52 Datasheet HTML 5Page - Intersil Corporation 82C52 Datasheet HTML 6Page - Intersil Corporation 82C52 Datasheet HTML 7Page - Intersil Corporation 82C52 Datasheet HTML 8Page - Intersil Corporation 82C52 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
82C52
CMOS Serial Controller Interface
The Intersil 82C52 is a high performance programmable
Universal Asynchronous Receiver/Transmitter (UART) and
Baud Rate Generator (BRG) on a single chip. Utilizing the
Intersil advanced Scaled SAJI IV CMOS process, the 82C52
will support data rates up to 1M baud asynchronously with a
16X clock (16MHz clock frequency).
The on-chip Baud Rate Generator can be programmed for any
one of 72 different baud rates using a single industry standard
crystal or external frequency source. A unique pre-scale divide
circuit has been designed to provide standard RS-232-C baud
rates when using any one of three industry standard crystals
(1.8432MHz, 2.4576MHz, or 3.072MHz).
A programmable buffered clock output (CO) is available and
can be programmed to provide either a buffered oscillator or
16X baud rate clock for general purpose system usage.
Features
• Single Chip UART/BRG
• DC to 16MHz (1M Baud) Operation
• Crystal or External Clock Input
• On-Chip Baud Rate Generator - 72 Selectable Baud Rates
• Interrupt Mode with Mask Capability
• Microprocessor Bus Oriented Interface
• 80C86 Compatible
• Single +5V Power Supply
• Low Power Operation . . . . . . . . . . . . . . . . . . . . 1mA/MHz Typ
• Modem Interface
• Line Break Generation and Detection
• Operating Temperature Range:
- C82C52 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0°C to +70°C
- I82C52. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- M82C52. . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
1M BAUD
PART
MARKING
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG. #
CP82C52
CP82C52
0 to +70
PDIP
E28.6
CP82C52Z
(Note)
CP82C52Z
0 to +70
PDIP
(Pb-Free)**
E28.6
IP82C52
IP82C52
-40 to +85
PDIP
E28.6
CS82C5296
CS82C52
0 to +70
PLCC (Tape
& Reel)
N28.45
CS82C52Z*
(Note)
CS82C52Z
0to +70
PLCC
(Pb-Free)
N28.45
IS82C52
IS82C52
-40 to +85
PLCC
N28.45
IS82C52Z*
(Note)
IS82C52Z
-40 to +85
PLCC
(Pb-Free)
N28.45
ID82C52
ID82C52
-40 to +85
CERDIP
F28.6
MD82C52/B
MD82C52/B
-55 to +125
F28.6
8501501XA
8501501XA
SMD#
F28.6
MR82C52/B
-55 to +125 CLCC
J28.A
85015013A
85015013A
SMD#
J28.A
*Add "96" suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
FN2950.3
April 26, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1997, 2002, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - 82C52

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82C52 UTC-82C52 Datasheet
430Kb / 20P
VOLTAGE DETECTORS
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
CMOS Serial Controller Interface
More results

Similar Description - 82C52

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
CMOS SNI Serial Network Interface
logo
TEMIC Semiconductors
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
Van Controller Serial Interface
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
Van Controller Serial Interface
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
CMOS SCC Serial Communications Controller
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
CMOS Serial Controller Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com