Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD684TO3 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD684TO3
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD684TO3 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD684TO3 Datasheet HTML 1Page - Comset Semiconductor BD684TO3 Datasheet HTML 2Page - Comset Semiconductor BD684TO3 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD684 TO3 (Temporary part number)
Temporary datasheet
23/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off current
IE=0 , VCB= - 140 V
-
-
-0,2
mA
IE=0 , VCB= -1/2VCBOMAX
Tj= 150°C
-
-
-1
ICEO
Collector cut-off current
IB=0 , VCE= -1/2VCEOMAX
-
-
-0,2
mA
IEBO
Emitter cut-offcurrent
IC=0, VEB=-5 V
-
-
-5
mA
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=-1.5 A, IB=-6 Ma
-
-
-2
V
hFE
DC Current Gain (*)
VCE=-3 V, IC=-500 mA
-
2000
-
VCE=-3 V, IC=-1,5 A
750
-
-
VCE=-3 V, IC=-4 A
-
750
-
VBE
Base-Emitter Voltage (*)
VCE=-3 V, IC=-1,5 A
-
-
-2,5
V
hfe
Small signal current gain
VCE=-3 V, IC=-1,5 A, f= 1 MHz
10
-
-
fhfe
Ut-off frequency
VCE=-3 V, IC=-1,5 A
-
60
-
kHz
VF
Diode forward voltage
IF=-1,5 A
-
-1,5
-
V
I(SB)
Second-breakdown
collector current
VCE=-50 V, tP= 20ms,non rep.
without heatsink
-0,8
-
-
A
ton
Turn-on time
-Icon= -1,5A, Ibon= -Iboff= -6mA
VCC=30V
-
0,8
2
µs
toff
Turn-off time
-
4,5
8
(*) Measured under pulse conditions :tP <300µs, δ <2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com