Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4081AIP Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP4081AIP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081AIP Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP4081AIP Datasheet HTML 4Page - Intersil Corporation HIP4081AIP Datasheet HTML 5Page - Intersil Corporation HIP4081AIP Datasheet HTML 6Page - Intersil Corporation HIP4081AIP Datasheet HTML 7Page - Intersil Corporation HIP4081AIP Datasheet HTML 8Page - Intersil Corporation HIP4081AIP Datasheet HTML 9Page - Intersil Corporation HIP4081AIP Datasheet HTML 10Page - Intersil Corporation HIP4081AIP Datasheet HTML 11Page - Intersil Corporation HIP4081AIP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
HIP4081A
Typical Performance Curves V
DD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K
and TA = 25°C, Unless Otherwise Specified
FIGURE 4. QUIESCENT IDD SUPPLY CURRENT vs VDD
SUPPLY VOLTAGE
FIGURE 5. IDDO, NO-LOAD IDD SUPPLY CURRENT vs
FREQUENCY (kHz)
FIGURE 6. SIDE A, B FLOATING SUPPLY BIAS CURRENT vs
FREQUENCY (LOAD = 1000pF)
FIGURE 7. ICCO, NO-LOAD ICC SUPPLY CURRENT vs
FREQUENCY (kHz) TEMPERATURE
FIGURE 8. IAHB, IBHB, NO-LOAD FLOATING SUPPLY BIAS
CURRENT vs FREQUENCY
FIGURE 9. ALI, BLI, AHI, BHI LOW LEVEL INPUT CURRENT IIL
vs TEMPERATURE
6
8
10
12
14
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDD SUPPLY VOLTAGE (V)
0
100
200
300
400
500
600
700
800
900 1000
8.0
8.5
9.0
9.5
10.0
10.5
11.0
SWITCHING FREQUENCY (kHz)
0
100
200
300
400
500
600
700
800
900 1000
0.0
5.0
10.0
15.0
20.0
25.0
30.0
SWITCHING FREQUENCY (kHz)
0
100
200
300
400
500
600
700
800
900 1000
0.0
1.0
2.0
3.0
4.0
5.0
SWITCHING FREQUENCY (kHz)
75°C
25°C
125°C
-40°C
0°C
0.5
1
1.5
2
2.5
200
600
800
1000
0400
SWITCHING FREQUENCY (kHz)
-50
-25
0
25
50
75
100
125
-120
-110
-100
-90
JUNCTION TEMPERATURE (°C)
HIP4081A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com