Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD46352 Datasheet(PDF) 7 Page - Rohm

Part # BD46352
Description  Counter Timer Built-in CMOS Voltage Detector IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46352 Datasheet(HTML) 7 Page - Rohm

Back Button BD46352 Datasheet HTML 3Page - Rohm BD46352 Datasheet HTML 4Page - Rohm BD46352 Datasheet HTML 5Page - Rohm BD46352 Datasheet HTML 6Page - Rohm BD46352 Datasheet HTML 7Page - Rohm BD46352 Datasheet HTML 8Page - Rohm BD46352 Datasheet HTML 9Page - Rohm BD46352 Datasheet HTML 10Page - Rohm BD46352 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Datasheet
Datasheet
7/13
BD45xxx series
BD46xxx series
TSZ02201-0R7R0G300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.Dec.2012 Rev.005
www.rohm.com
TSZ22111・15・001
●Typical Performance Curves
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
01
23
456
78
9 10
VDD SUPPLY VOLTAGE
:VDD[V]
【BD45281G】
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
: VDS[V]
VDD=1.2V
【BD45281G】
VDD=2.4V
Fig.4 “Low” Output Current
0
5
10
15
20
01
23
45
6
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BD46281G】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
00.5 11.5 22.5 33.5 44.5 55.5
VDD SUPPLY VOLTAGE
:VDD[V]
【BD45421G】
Ta=25℃
Ta=25℃
【BD45281】
【BD46281】
【BD45281】
【BD46281】
【BD45281】
【BD46281】
【BD46281】



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com