Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4604 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor MIC4604 Datasheet HTML 10Page - Micrel Semiconductor MIC4604 Datasheet HTML 11Page - Micrel Semiconductor MIC4604 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
8
Revision 1.0
Functional Description
The MIC4604 is a high-voltage, non-inverting, dual
MOSFET driver that is designed to independently drive
both high-side and low-side N-Channel MOSFETs. The
block diagram of the MIC4604 is shown in Figure 1.
Both drivers contain an input buffer with hysteresis, a
UVLO circuit, and an output buffer. The high-side output
buffer includes a high-speed level-shifting circuit that is
referenced to the HS pin. An internal diode is used as part
of a bootstrap circuit to provide the drive voltage for the
high-side output.
Startup and UVLO
The UVLO circuit forces the driver output low until the
supply voltage exceeds the UVLO threshold. The low-side
UVLO circuit monitors the voltage between the VDD and
VSS pins. The high-side UVLO circuit monitors the voltage
between the HB and HS pins. Hysteresis in the UVLO
circuit prevents noise and finite circuit impedance from
causing chatter during turn-on.
Input Stage
Both the HI and LI pins of the MIC4604 are referenced to
the VSS pin. The voltage state of the input signal does not
change the quiescent current draw of the driver.
The MIC4604 has a TTL-compatible input range and can
be used with input signals with amplitude less than the
supply voltage. The threshold level is independent of the
VDD supply voltage and there is no dependence between
IVDD and the input signal amplitude with the MIC4604. This
feature makes the MIC4604 an excellent level translator
that will drive high-threshold MOSFETs from a low-voltage
PWM IC.
Low-Side Driver
A block diagram of the low-side driver is shown in
Figure 2. The low-side driver is designed to drive a ground
(VSS pin) referenced N-channel MOSFET. Low driver
impedances allow the external MOSFET to be turned on
and off quickly. The rail-to-rail drive capability of the output
ensures a low RDsON from the external MOSFET.
A high level applied to LI pin causes the upper driver
MOSFET to turn on and VDD voltage is applied to the gate
of the external MOSFET. A low level on the LI pin turns off
the upper driver and turns on the low side driver to ground
the gate of the external MOSFET.
Figure 2. Low-Side Driver Block Diagram
High-Side Driver and Bootstrap Circuit
A block diagram of the high-side driver and bootstrap
circuit is shown in Figure 3. This driver is designed to drive
a floating N-channel MOSFET, whose source terminal is
referenced to the HS pin.
Figure 3. High-Side Driver and Bootstrap Circuit Block
Diagram
A low-power, high-speed, level-shifting circuit isolates the
low side (VSS pin) referenced circuitry from the high-side
(HS pin) referenced driver. Power to the high-side driver
and UVLO circuit is supplied by the bootstrap circuit while
the voltage level of the HS pin is shifted high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com