Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44740 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44740
Description  7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44740 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44740 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44740 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44740 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connectors
These Pasternack Enterprises’ high performance connectors are designed to fit on most commercially available
1/2”
flexible, annular corrugated copper cables and aluminum cables.
These connectors are perfect for
applications requiring low PIM levels, with outstanding RF performance and are easy to install in the field.
Features of the new connectors include:
• Tri-metal coating resulting in a very durable surface with good corrosion protection while providing superior electrical
conductivity and exceptional PIM performance
• PIM performance of <= -160 dBc. VSWR levels of <= 1.10 up to 3GHz
• Available in 7/16 DIN and Type N series with both male and female interfaces
• O Rings gaskets provide a reliable long term weather seal
• Designed to fit on most commercially available 1/2” corrugated copper and aluminum cables
Configuration
Connector
7/16 DIN Female
Connector Interface Type
1/2” Flexible,PE-1/2FAC
Cable Attachment Method (Shield/Contact)
Clamp/Non-Solder Contact
Connector Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Insertion Loss, dB
0.1
Dielectric Withstanding Voltage, Vrms
4,000
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
2.12 [53.85]
Width/Dia., in [mm]
1.14 [28.96]
.
Weight, lbs [g]
0.28 [127.01]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2” Flex-
ible, PE-1/2FAC PE44740
PE44740
PE44740 REV 01
7/16 DIN Female Low PIM Connector Clamp/Non-Solder
Contact Attachment For 1/2” Flexible, PE-1/2FAC


Similar Part No. - PE44740

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4474 PASTERNACK-PE4474 Datasheet
362Kb / 3P
HN Male Connector Crimp/Solder Attachment
PE4474 PASTERNACK-PE4474_17 Datasheet
362Kb / 3P
HN Male Connector Crimp/Solder Attachment
More results

Similar Description - PE44740

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44569 PASTERNACK-PE44569 Datasheet
231Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44728 PASTERNACK-PE44728 Datasheet
258Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
PE44731 PASTERNACK-PE44731 Datasheet
254Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44732 PASTERNACK-PE44732 Datasheet
258Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44734 PASTERNACK-PE44734 Datasheet
256Kb / 3P
7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44735 PASTERNACK-PE44735 Datasheet
254Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44737 PASTERNACK-PE44737 Datasheet
253Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44738 PASTERNACK-PE44738 Datasheet
257Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com