Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5397 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5397
Description  For High Frequency Amplify, Middle Frequency Amplify Silicon NPN Epitaxial Type Micro
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5397 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5397 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5397 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5397 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5397 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5397 Datasheet HTML 5Page - Isahaya Electronics Corporation 2SC5397 Datasheet HTML 6Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
〈transistor〉
2SC5397
For High Frequency Amplify, Middle Frequency Amplify
Silicon NPN Epitaxial Type Micro(Frame type)
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
2SC5397 is a silicon NPN epitaxial type transistor.
OUTLINE DRAWING
UNIT:mm
TERMINAL CONNECTOR
①:EMITTER
②:COLLECTOR
③:BASE
Item
B
C
D
E
hFE
35~70
55~110
90~180
150~300
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
30
V
VEBO
Emitter to Base voltage
4
V
VCEO
Collector to Emitter voltage
25
V
IC
Collector current
30
mA
PC
Collector dissipation
450
mW
Tj
Junction temperature
+150
℃
Tstg
Storage temperature
-55~+150
℃
EIAJ: -
JEDEC: -
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
ICBO
Collector cut off current
V
CB= 30V , I E= 0mA
-
-
1
μA
IEBO
Emitter cut off current
V
EB= 4V , I C= 0mA
-
-
1
μA
hFE
DC forward current gain ※
V
CE = 6V , IC= 1mA
35
-
300
-
fT
Gain bandwidth product
V
CE= 6V , I E= -1mA
150
200
-
MHz
Cob
Collector output capacitance
V
CB= 6V , I E= 0mA,f=1MHz
-
2.0
2.7
pF
Ccrb'b
Collector- base time constant
V
CB=6V, I E=-1mA, f=31.8MHz
-
20
60
pS
NF
Noise figure
V
CE= 6V , I E= -0.1mA,f=1kHz,RG=2kΩ
3.0
-
dB
※:It shows hFE classification at right table.
MARKING
3
B
9 7
□□
hFE Item


Similar Part No. - 2SC5397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5397 ETC-2SC5397 Datasheet
196Kb / 6P
Silicon NPN epitaxial planar type
logo
Isahaya Electronics Cor...
2SC5397 ISAHAYA-2SC5397 Datasheet
217Kb / 6P
TRANSISTOR FOR LOW FREQUENCY AMPLIFY, MEDIAM FREQUENCY AMPLIFY SILICON NPN EPITAXIAL TYPE MICRO
More results

Similar Description - 2SC5397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5621 ETC-2SC5621 Datasheet
133Kb / 5P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC5634 ISAHAYA-2SC5634 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5726 ISAHAYA-2SC5726 Datasheet
46Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5547 ISAHAYA-2SC5547 Datasheet
60Kb / 4P
For High Frequency Amplify Application Silicon NPN Epitaxial Type
2SC3053 ISAHAYA-2SC3053 Datasheet
319Kb / 5P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5398 ISAHAYA-2SC5398 Datasheet
97Kb / 3P
TRANSISTOR FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE MICRO
2SC5397 ISAHAYA-2SC5397 Datasheet
217Kb / 6P
TRANSISTOR FOR LOW FREQUENCY AMPLIFY, MEDIAM FREQUENCY AMPLIFY SILICON NPN EPITAXIAL TYPE MICRO
2SC3053 ISAHAYA-2SC3053_10 Datasheet
247Kb / 6P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5398 ISAHAYA-2SC5398_12 Datasheet
184Kb / 3P
For Low Frequency Amplify Application Silicon NPN Epitaxial Type Micro
2SC5477 ISAHAYA-2SC5477_10 Datasheet
166Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com