Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5621 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # 2SC5621
Description  FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5621 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  2SC5621 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5621
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
-8
-6
-4
-2
0
2
4
6
8
-8
-6
-4
-2
0
2
4
6
8
S21
Polar Chart
-150°
-120°
-30°
-60°
-90°
30°
60°
90°
120°
150°
±180°
S22
Smith Chart
-2.0
-1.0
-0.5
-0.2
0.0
2.0
1.0
0.5
0.2
1.0
0.2
0.5
S11
Smith Chart
-5.0
-2.0
-1.0
-0.5
-0.2
0.0
5.0
2.0
1.0
0.5
0.2
0.2
0.5
1.0
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
S12
Polar Chart
30 °
60 °
90°
120 °
150 °
± 1 80°
-1 50°
- 120 °
-90 °
-6 0°
-3 0°
f=500MHz
f=2GHz
f=500MHz
f=2GHz
f=2GHz
f=500MHz
f=2GHz
f=500MHz
VCE=5V/IC=20mA
Frequency
(MHz)
Mag
Ang(deg)
Mag
Ang(deg)
Mag
Ang(deg)
Mag
Ang(deg)
500
0.504
-153.8
6.300
89.7
0.065
54.6
0.329
-42.3
600
0.492
-160.7
5.314
85.5
0.073
56.7
0.317
-41.5
700
0.493
-166.4
4.616
82.0
0.082
58.5
0.304
-41.4
800
0.490
-171.4
4.055
78.4
0.089
60.2
0.284
-41.3
900
0.486
-175.1
3.633
74.8
0.098
61.4
0.277
-40.7
1000
0.480
-178.6
3.290
71.8
0.107
61.9
0.272
-42.1
1100
0.483
178.2
3.010
69.2
0.115
62.8
0.260
-42.2
1200
0.485
175.7
2.789
66.3
0.125
63.5
0.260
-44.1
1300
0.487
173.1
2.607
63.2
0.134
63.8
0.262
-45.1
1400
0.485
170.2
2.441
60.4
0.144
63.8
0.259
-47.1
1500
0.482
167.7
2.298
58.4
0.153
63.7
0.261
-49.3
1600
0.485
165.5
2.167
55.9
0.162
63.7
0.256
-50.7
1700
0.487
163.7
2.047
53.7
0.172
63.6
0.255
-53.4
1800
0.488
161.0
1.958
51.3
0.181
63.4
0.253
-55.0
1900
0.488
159.2
1.869
49.2
0.191
63.0
0.256
-58.2
2000
0.486
156.7
1.788
46.8
0.201
62.6
0.256
-60.6
S11S21
S12S22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com