Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX12 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUX12
Description  HIGH CURRENT, HIGH SPEED , HIGH POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUX12 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUX12 Datasheet HTML 1Page - Comset Semiconductor BUX12 Datasheet HTML 2Page - Comset Semiconductor BUX12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BUX12
26/10/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining Voltage
(*)
IC=200 mA
250
-
-
V
VEB0(SUS)
Emitter-Base Breakdown Voltage
(*)
IC=0A, IE=50 mA
7
-
-
V
ICEO
Collector Cutoff Current
VCE=200 V, IB=0A
-
-
1.5
mA
ICEX
Collector Cutoff Current
VCE= VCEX, VBE= -1.5V
-
-
1.5
mA
VCE= VCEX, VBE= -1.5V
Tcase = 125°C
-
-
6
IEBO
Emitter Cutoff Current
VEB=5.0 V, IC=0
-
-
1
mA
hFE
DC Current Gain (*)
IC=5 A, VCE=4.0 V
20
-
60
-
IC=10 A, VCE=4.0 V
10
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=5 A, IB=0.5 A
-
0.22
1
V
IC=10 A, IB=1.25 A
-
0.5
1.5
VBE(SAT)
Base-Emitter saturation Voltage (*)
IC=10 A, IB=1.25 A
-
1.23
1.5
IS/B
Second breakdown collector current
VCE=30 V, ts = 1s
5
-
-
A
VCE=140 , ts = 1s
0.15
-
-
ES/B
Clamped ES/B Collector current
Vclamp=250 V, L=500 µH
10
-
-
A
fT
Transition frequency
VCE=15 V, IC=1 A
f=10 MHz
8
-
-
MHz
ton
Turn-on time
IC=10 A, IB=1.25 A
VCC=150 V
-
0.28
1
µs
ts
Storage time
IC=10 A, VCC=150 V
IB1 = -IB2 =1.25 A
-
1.45
2
tf
File time
-
0.23
0.5
(*) Pulse Duration = 300
µs, Duty Cycle <= 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com