Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ901 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MJ901
Description  COMPLEMENTARY POWER DARLINGTONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ901 Datasheet(HTML) 2 Page - Comset Semiconductor

  MJ901 Datasheet HTML 1Page - Comset Semiconductor MJ901 Datasheet HTML 2Page - Comset Semiconductor MJ901 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MJ900 – MJ901 PNP
29/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC=-100 mA, IB=0
MJ900
-60
-
-
V
MJ901
-80
-
-
ICEO
Collector Cutoff Current
VCE=-30 V, IB=0
MJ900
-
-
-500
µA
VCE=-40 V, IB=0
MJ901
-
-
IEBO
Emitter Cutoff Current
VBE=-5.0 V, IC=0
MJ900
-
-
-2.0
mA
MJ901
ICER
Collector-Emitter Leakage
Current
VCB=-60 V, RBE=1.0 kΩ MJ900
-
-
-1.0
mA
VCB=-80 V, RBE=1.0 kΩ MJ901
-
-
VCB=-60 V, RBE=1.0 kΩ
TC=150°C
MJ900
-
-
-5.0
VCB=-80 V, RBE=1.0 kΩ
TC=150°C
MJ901
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=-3.0 A, IB=-2 mA
MJ900
-
-
-2.0
V
MJ901
IC=-8.0 A, IB=-40 mA
MJ900
-
-
-4.0
MJ901
VF
Forward Voltage (pulse
method)
IF=-3 A
MJ900
-
-1.8
-
V
MJ901
VBE
Base-Emitter Voltage (*)
IC=-3.0 A, VCE=-3.0V
MJ900
-
-
-2.5
V
MJ901
HFE
DC Current Gain (*)
VCE=-3.0 V, IC=-3.0 A
MJ900
1000
-
-
-
MJ901
VCE=-3.0 V, IC=-4.0 A
MJ900
750
-
-
MJ901
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com