Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INC6002AC1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INC6002AC1
Description  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INC6002AC1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INC6002AC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INC6002AC1 Datasheet HTML 2Page - Isahaya Electronics Corporation INC6002AC1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notice : This is not a final specification.
Some parametric subject to change.
<SMALL-SIGNAL TRANSISTOR>
INC6002AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON NPN TRANSISTOR
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
TYPCAL CHARACTERISTICS
0
10
20
30
40
50
02
468
10
Collector-Emitter Voltage : VCE (V)
Common Emitter Output
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
IB=0.05mA
0.1mA
0.2mA
0.4mA
Ta=25℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
Base-Emitter Voltage : VBE (V)
Common Emitter Transfer
Ta=125℃
75℃
25℃
-25℃
Ta=25℃
VCE=10V
1
10
100
1000
0.1
1
10
100
Collector Current : IC (mA)
hFE-IC
Ta=125℃
75℃
25℃
-25℃
Ta=25℃
VCE=10V
0.01
0.1
1
10
0.1
1
10
100
Collector Current : IC (mA)
VCE(sat)-IC
Ta=125℃
75℃
25℃
-25℃
Ta=25℃
IC/IB=10
1
10
100
-1
-10
-100
Emitter Current : IE (mA)
fT-IE
VCE=30V
10V
6V
Ta=25℃
1
10
100
0.1
1
10
100
Collector-Base Voltage : VCB (V)
Cob-VCB
Ta=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com