Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1440004-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1440004-1
Description  Miniature PCB Relay PCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1440004-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1440004-1 Datasheet HTML 1Page - Tyco Electronics 1440004-1 Datasheet HTML 2Page - Tyco Electronics 1440004-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2012, Rev. 0412
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
OEG
General Purpose Relays
PCB Relays
Miniature PCB Relay PCH (Continued)
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
NO: ≥ 4.1mm / 6.3mm
between contact and coil
CO: ≥ 3.1mm / 3.9mm
Tracking index of relay base
standard type
PTI 175
WG txype
PTI 250
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40°C to +85°C
Category of environmental protection
IEC 61810
RTII - flux tight
RTIII - wash tight
Shock resistance (functional)
10g
Shock resistance (destructive)
100g
Weight
7g
Resistance to soldering heat THT
IEC 60068-2-20
RTII: 270°C/10s
RTIII: 260°C/5s
Packaging unit
tray/100 pcs., carton box/1000 pcs.
© Copyright 2009 by Tyco Electronics Japan G.K. All rights reserved. Edition: 1/2010 REV.B
TYCO Electronics Japan G.K. [3-5-8, Hisamoto Takatsu-ku Kawasaki, 213-8535, Japan, TEL: 81 44 844 8445]
This document is subject to change, Please call local TYCO Electronics for the latest version.
Ordering Information for Relays
Example Part No. PCH
-1
12
D
2
M
H
,000
1. Basic Series
PCH =
Compact PCB mount type
2. Poles
1 =
1pole
3. Coil Voltage
05 =
5VDC
12=
12VDC
06 =
6VDC
24 =
24VDC
09 =
9VDC
48 =
48VDC*
4. Coil Power
D =
400mW (1a,1c)
L =
200mW (1a)
5. Contact Material
2 =
AgSnO2
6. Contact Arrangement
blank =
1c
M =
1a
7. Enclosure
blank =
Flux Proof
H =
Wash Tight
8. Suffix
,000 =
Standard model
Other
Suffix =
Custom model
*Coil voltage: 48VDC only can chose 400mW type.
Tolerance: 0.99mm Max.: +/-0.1mm, 1-2.99mm: +/-0.2mm, 3mm Min.: +/-0.3mm
Outline Dimensions (mm)
1c*
*1a Outline dimensions is omitted.
Wiring Diagram (Bottom View)
1c
1a
PC Board Layout (mm) (Bottom View)
1c
1a
Terminal assignment
Bottom view on solder pins
© Copyright 2009 by Tyco Electronics Japan G.K. All rights reserved. Edition: 1/2010 REV.B
TYCO Electronics Japan G.K. [3-5-8, Hisamoto Takatsu-ku Kawasaki, 213-8535, Japan, TEL: 81 44 844 8445]
This document is subject to change, Please call local TYCO Electronics for the latest version.
Ordering Information for Relays
Example Part No. PCH
-1
12
D
2
M
H
,000
1. Basic Series
PCH =
Compact PCB mount type
2. Poles
1 =
1pole
3. Coil Voltage
05 =
5VDC
12=
12VDC
06 =
6VDC
24 =
24VDC
09 =
9VDC
48 =
48VDC*
4. Coil Power
D =
400mW (1a,1c)
L =
200mW (1a)
5. Contact Material
2 =
AgSnO2
6. Contact Arrangement
blank =
1c
M =
1a
7. Enclosure
blank =
Flux Proof
H =
Wash Tight
8. Suffix
,000 =
Standard model
Other
Suffix =
Custom model
*Coil voltage: 48VDC only can chose 400mW type.
Tolerance: 0.99mm Max.: +/-0.1mm, 1-2.99mm: +/-0.2mm, 3mm Min.: +/-0.3mm
Outline Dimensions (mm)
1c*
*1a Outline dimensions is omitted.
Wiring Diagram (Bottom View)
1c
1a
PC Board Layout (mm) (Bottom View)
1c
1a
Dimensions
© Copyright 2009 by Tyco Electronics Japan G.K. All rights reserved. Edition: 1/2010 REV.B
TYCO Electronics Japan G.K. [3-5-8, Hisamoto Takatsu-ku Kawasaki, 213-8535, Japan, TEL: 81 44 844 8445]
This document is subject to change, Please call local TYCO Electronics for the latest version.
Ordering Information for Relays
Example Part No. PCH
-1
12
D
2
M
H
,000
1. Basic Series
PCH =
Compact PCB mount type
2. Poles
1 =
1pole
3. Coil Voltage
05 =
5VDC
12=
12VDC
06 =
6VDC
24 =
24VDC
09 =
9VDC
48 =
48VDC*
4. Coil Power
D =
400mW (1a,1c)
L =
200mW (1a)
5. Contact Material
2 =
AgSnO2
6. Contact Arrangement
blank =
1c
M =
1a
7. Enclosure
blank =
Flux Proof
H =
Wash Tight
8. Suffix
,000 =
Standard model
Other
Suffix =
Custom model
*Coil voltage: 48VDC only can chose 400mW type.
Tolerance: 0.99mm Max.: +/-0.1mm, 1-2.99mm: +/-0.2mm, 3mm Min.: +/-0.3mm
Outline Dimensions (mm)
1c*
*1a Outline dimensions is omitted.
Wiring Diagram (Bottom View)
1c
1a
PC Board Layout (mm) (Bottom View)
1c
1a
PCB layout
Bottom view on solder pins
© Copyright 2009 by Tyco Electronics Japan G.K. All rights reserved. Edition: 1/2010 REV.B
TYCO Electronics Japan G.K. [3-5-8, Hisamoto Takatsu-ku Kawasaki, 213-8535, Japan, TEL: 81 44 844 8445]
This document is subject to change, Please call local TYCO Electronics for the latest version.
Ordering Information for Relays
Example Part No. PCH
-1
12
D
2
M
H
,000
1. Basic Series
PCH =
Compact PCB mount type
2. Poles
1 =
1pole
3. Coil Voltage
05 =
5VDC
12=
12VDC
06 =
6VDC
24 =
24VDC
09 =
9VDC
48 =
48VDC*
4. Coil Power
D =
400mW (1a,1c)
L =
200mW (1a)
5. Contact Material
2 =
AgSnO2
6. Contact Arrangement
blank =
1c
M =
1a
7. Enclosure
blank =
Flux Proof
H =
Wash Tight
8. Suffix
,000 =
Standard model
Other
Suffix =
Custom model
*Coil voltage: 48VDC only can chose 400mW type.
Tolerance: 0.99mm Max.: +/-0.1mm, 1-2.99mm: +/-0.2mm, 3mm Min.: +/-0.3mm
Outline Dimensions (mm)
1c*
*1a Outline dimensions is omitted.
Wiring Diagram (Bottom View)
1c
1a
PC Board Layout (mm) (Bottom View)
1c
1a
1 form C (CO)
1 form A (NO)
1 form C (CO)
1 form A (NO)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com