Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISA2188AM1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # ISA2188AM1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISA2188AM1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  ISA2188AM1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISA2188AM1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISA2188AM1 Datasheet HTML 3Page - Isahaya Electronics Corporation ISA2188AM1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISA2188AM1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON PNP EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
300
0
50
100
150
AMBIENT TEMPERATURE Ta(℃)
COLLECTOR DISSIPATION VS. AMBIENT TEMPERATURE
-1
-10
-100
-1000
-1
-10
-100
-1000
COLLECTOR CURRENT IC(mA)
COLLECTOR TO EMITTER SATURATION VOLTAGE VS.
COLLECTOR CURRENT
IC/IB=20
-40℃
25℃
85℃
10
100
1000
10000
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT IC (mA)
DC FORWARD CURRENT GAIN VS.
COLLECTOR CURRENT
VCE=-4V
-40℃
25℃
85℃
-0.01
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
BASE TO EMITTER VOLTAGE VBE (V)
COMMON EMITTER TRANSFER
VCE=-4V
-40℃
25℃
85℃
-0
-200
-400
-600
-800
-0
-1
-2
-3
-4
-5
COLLECTOR TO EMITTER VOLTAGE VCE(V)
COMMON EMITTER OUTPUT(1)
IB=0mA
-1mA
-2mA
-3mA
-4mA
-5mA
-6mA
-8mA
-9mA
-7mA
-10mA
Pc=200mW
Ta=25℃
Ta=25℃
-0
-40
-80
-120
-160
-200
-0
-5
-10
-15
-20
COLLECTOR TO EMITTER VOLTAGE VCE(V)
COMMON EMITTER OUTPUT(2)
Pc=200mW
IB=0mA
-0.1mA
-0.2mA
-0.3mA
-0.6mA
-0.5mA
-0.4mA
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com