Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC3249AS1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # ISC3249AS1
Description  FOR SMALL TYPE COLOR TV CHROMA OUTPUT APPLICATION SILICON NPN TRIPLE DIFFUSED TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC3249AS1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  ISC3249AS1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC3249AS1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC3249AS1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈SMALL-SIGNAL TRANSISTOR〉
ISC3249AS1
FOR SMALL TYPE COLOR TV CHROMA OUTPUT APPLICATION
SILICON NPN TRIPLE DIFFUSED TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
ISC3249AS1 is a silicon NPN triple diffused transistor
designed for color TV chroma output circuit, high voltage
switching circuit application.
FEATURE
●High voltage.
V
CEo=250V
●High gain width product.
fT=80MHz (typ)
●Low Cob. Cob=3.5pF typ
APPLICATION
Small type color TV chroma output circuit, high voltage switching
circuit.
.
※) It shows hFE classification in right table.
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
300
V
VEBO
Emitter to Base voltage
5
V
VCEO
Collector to Emitter voltage
250
V
I
C
Collector current
100
mA
P
c
Collector dissipation
600
mW
T
j
Junction temperature
+150
T
stg
Storage temperature
-55~+150
Item
C
D
E
hFE item
55~110
90~180
150~230
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Parameter
Parameter
Test conditions
Limits
Unit
Min
Typ
Max
V(BR)CBO
C to B break down voltage
I
C= 10μA , IE =0mA
300
-
-
V
V(BR)EBO
E to B break down voltage
I
E= 10μA , IC =0mA
5
-
-
V
V(BR)CEO
C to E break down voltage
I
C= 5mA , RBE= ∞ , pulse measurement
250
-
-
V
ICBO
Collector cut off current
V
CB= 150V , IE= 0mA
-
-
1
μA
hFE※
DC forward current gain
V
CE = 10V , IC= 25mA
55
-
230
-
VCE(sat)
C to E Saturation Voltage
I
C=25mA , IB= 2.5mA
-
1.5
V
fT
Gain band width product
V
CE= 10V , IE= -10mA, f=10MHz
60
80
-
MHz
Cob
Collector output capacitance
V
CB=10V , IE= 0mA, f=1MHz, triode measurement
-
3.5
-
pF
JEITA:
JEDEC:
TERMINAL CONNECTER
①:EMITTER
②:COLLECTOR
③:BASE
4.0
2.5
2.5
0.45
0.1


Similar Part No. - ISC3249AS1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISC3242AS1 ISAHAYA-ISC3242AS1 Datasheet
240Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3244AS1 ISAHAYA-ISC3244AS1 Datasheet
163Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3247AS1 ISAHAYA-ISC3247AS1 Datasheet
261Kb / 4P
FOR RELAY DRIVE, POWOR SUPPLY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - ISC3249AS1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3942 PANASONIC-2SC3942 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For color TV chroma output)
logo
Toshiba Semiconductor
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3334 TOSHIBA-2SC3334 Datasheet
190Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3620 TOSHIBA-2SC3620 Datasheet
189Kb / 3P
NPN TRIPLE DIFFUSED TYPE (COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
KEC(Korea Electronics)
BF422 KEC-BF422 Datasheet
417Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER,COLOR TV CHROMA OUTPUT)
KTC1001 KEC-KTC1001 Datasheet
123Kb / 1P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
KTC3208 KEC-KTC3208 Datasheet
367Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT)
KTC3229 KEC-KTC3229 Datasheet
234Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
logo
List of Unclassifed Man...
2SC3249 ETC-2SC3249 Datasheet
99Kb / 3P
FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION
logo
Isahaya Electronics Cor...
2SC5210 ISAHAYA-2SC5210 Datasheet
172Kb / 3P
FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com