Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC246B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIC246B
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC246B Datasheet(HTML) 1 Page - Comset Semiconductor

  TIC246B Datasheet HTML 1Page - Comset Semiconductor TIC246B Datasheet HTML 2Page - Comset Semiconductor TIC246B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIC246B, TIC246C, TIC246D, TIC246E, TIC246M, TIC246N,
TIC246S
30/10/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
SILICON BIDIRECTIONAL TRIODE THYRISTOR
• High current triacs
• 16 A RMS
• 70 A Peak
• Glass Passivated Wafer
• 200 V to 800 V Off-State Voltage
• Max IGT of 50 mA (Quadrants 1-3)
• 125 A peak current
• Compliance to ROHS
DESCRIPTION
This device is a bidirectional triode thyristor (triac) which may be triggered from the off-state to
the on-state by either polarity of gate signal with main Terminal 2 at either polarity.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
B
C
D
E
M
S
N
VDRM
Repetitive peak off-state voltage
(see Note1)
200 300 400 500 600 700 800
V
IT(RMS)
Full-cycle RMS on-state current at
(or below) 70°C case temperature
(see note2)
16
A
ITSM
Peak on-state surge current
full-sine-wave (see Note3)
125
A
IGM
Peak gate current
± 1
A
TC
Operating case temperature range
-40 to +110
°C
Tstg
Storage temperature range
-40 to +125
°C
TL
Lead temperature 1.6 mm from
case for 10 seconds
230
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
R∂JC
Junction to case thermal resistance
≤ 1.9
°C/W
R∂JA
Junction to free air thermal resistance
≤ 62.5


Similar Part No. - TIC246B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
More results

Similar Description - TIC246B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
Triac (Bidirectional Triode Thyristor)
logo
Comset Semiconductor
TIC206A COMSET-TIC206A Datasheet
208Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A Datasheet
211Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A Datasheet
212Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A_12 Datasheet
164Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A_12 Datasheet
165Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
BIDIRECTIONAL TRIODE THYRISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com