Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

760871131 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760871131
Description  Off-line transformer WE-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760871131 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760871131 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760871131 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
Netzteil-Übertrager WE-UNIT
description :
Off-line transformer WE-UNIT
DATUM / DATE : 2010-08-04
H Schaltbild / Schematics
TBr
2010-08-04
TBr
2010-06-15
TBr
2010-03-04
Name
Datum / date
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
760871131
Kunde / customer :
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
Datum / date
Unterschrift / signature
Rev 02
..................................................................................
..................................................................................
http://www.we-online.com
...............................................
Würth Elektronik eiSos GmbH & Co.KG
Rev 01
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Rev 00
Änderung / modification
..................................................
Geprüft / checked
Kontrolliert / approved
6
9,10
13,14
N1
120-420V
N3
12V 0,5A
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliabilityfunctions or performance.
5
1
3
N4
15V 0,01A
7,8
11,12
N2
12V 0,5A
For output 12V/1A please put N2 and N3 in parallel!
For output 24V/0,5A please put N2 and N3 in series!
SEITE 2 VON 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com