Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2871 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2871
Description  1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2871 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2871 Datasheet HTML 1Page - Micrel Semiconductor MIC2871 Datasheet HTML 2Page - Micrel Semiconductor MIC2871 Datasheet HTML 3Page - Micrel Semiconductor MIC2871 Datasheet HTML 4Page - Micrel Semiconductor MIC2871 Datasheet HTML 5Page - Micrel Semiconductor MIC2871 Datasheet HTML 6Page - Micrel Semiconductor MIC2871 Datasheet HTML 7Page - Micrel Semiconductor MIC2871 Datasheet HTML 8Page - Micrel Semiconductor MIC2871 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Micrel, Inc.
MIC2871
May 29, 2013
2
052913-1.0 (while in progress)
Revision 1.0 (final document)
Ordering Information
Part Number
Marking Code
Temperature Range
Package
(1)
Lead Finish
MIC2871YMK
2871
–40°C to +125°C
14-pin 3mm × 2mm LDFN
Pb-Free
Note:
1.
Package is a GREEN RoHS-compliant package. Lead finish is Pb-Free. Mold compound is Halogen Free.
Pin Configuration
14-Pin 3mm × 2mm LDFN (MK)
(Top View)
Pin Description
Pin
Number
Pin Name
Pin Function
1
AGND1
Analog Ground. LED current return path.
2
DC
Single-wire serial interface control input.
3
LED
LED Current Sink Pin. Connect the LED anode to OUT and cathode to this pin.
4
FEN1
Flash Mode Enable Pin. Toggling FEN1 from LOW to HIGH enables MIC2871 into the flash
mode. FEN1 is logic-OR with FEN2. If this pin is left floating, it is pulled-down internally by a built-
in 1µA current source when the device is enabled.
5
AGND2
Analog Ground. Reference ground of the FRSET pin.
6
VIN
Supply Input Pin. Connect a low-ESR ceramic capacitor of at least 2.2µF to AGND2.
7
PGND1
Power Ground. Inductor current return path.
8
OUT
Boost Converter Output Pin. This is connected to the anode of the LED. Connect a low ESR
ceramic capacitor of at least 4.7µF to PGND1.
9, 12
NC
No Connect. Connect this pin to AGND or leave it floating.
10
SW
Inductor Connection Pin. It is connected to the internal power MOSFETs.
11
FEN2
Additional Flash Mode Enable Pin. FEN2 is logic-OR with FEN1. If this pin is left floating, it is
pulled-down internally by a built-in 1µA current source when the device is enabled.
13
PGND2
Power Ground.
14
FRSET
Flash Mode Current-Level Programming Pin. Connect a resistor from this pin to AGND2 to set
the maximum current in the flash mode. This pin may be grounded if the default flash mode
current (1A) is desired. This pin cannot be left floating and the recommended resistance range is
from 17k
Ω to 60kΩ.
EP
ePad
Exposed Heat Sink Pad. Connect to ground for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com