Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLRG2 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # WLRG2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRG2 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button WLRG2 Datasheet HTML 34Page - Omron Electronics LLC WLRG2 Datasheet HTML 35Page - Omron Electronics LLC WLRG2 Datasheet HTML 36Page - Omron Electronics LLC WLRG2 Datasheet HTML 37Page - Omron Electronics LLC WLRG2 Datasheet HTML 38Page - Omron Electronics LLC WLRG2 Datasheet HTML 39Page - Omron Electronics LLC WLRG2 Datasheet HTML 40Page - Omron Electronics LLC WLRG2 Datasheet HTML 41Page - Omron Electronics LLC WLRG2 Datasheet HTML 42Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
WL
WL
40
Item
Details
Appropriate model/actuator
Selecting the roller position
There are four types of fork lever
lock for use depending on the roller
position.
Fork Lever Locks: WLCA32-4j,
WL01CA32-4j
WLCA32-41
WLCA32-42
WLCA32-43
WLCA32-44
Adjusting the length of the rod or
lever
The length of the rod or lever can be
adjusted by loosening the Allen-head
bolt.
Adjustable Roller Levers: WLCA12,
WL01CA12 etc.
Adjustable Rod Levers: WLCL,
WL01CL etc.
WLCA12 etc.
Loosen this
Allen-head
bolt and
adjust the
length of
the lever.
Adjustment range:
25 to 89 mm
Loosen this
Allen-head
bolt and
adjust the
length of
the rod.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com