Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2G34 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F2G34
Description  SAW Bandpass Filter F2G34
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F2G34 Datasheet(HTML) 2 Page - Integrated Technology Future

  F2G34 Datasheet HTML 1Page - Integrated Technology Future F2G34 Datasheet HTML 2Page - Integrated Technology Future F2G34 Datasheet HTML 3Page - Integrated Technology Future F2G34 Datasheet HTML 4Page - Integrated Technology Future F2G34 Datasheet HTML 5Page - Integrated Technology Future F2G34 Datasheet HTML 6Page - Integrated Technology Future F2G34 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F2G34
Part No.
F2G34
Rev. Date
2010-09-03
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NCLI01-AS01
2/7
Specifications
Fo = 2345.0 MHz
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
3)
All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
2345.0
-
MHz
Insertion Loss (In Fc ±13.5 MHz)
-
2.7
4.0
dB
Amplitude Ripple (In Fc ±13.5 MHz)
-
0.9
2.0
dB
VSWR (In Fc ±13.5 MHz)
-
1.5
2.5
Relative Attenuation
0.3 MHz ~ 2187.0 MHz
@ 2239MHz
@ 2412MHz
@ 2438MHz
@ 2512MHz
@ 2538MHz
2700.0 MHz ~ 3000.0 MHz
35
27
12
17
27
32
30
40
43
40
50
50
50
40
-
-
-
-
-
-
-
dB
Input/Output Impedance
50
Ohm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com