Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2G37 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F2G37
Description  SAW Bandpass Filter F2G37
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F2G37 Datasheet(HTML) 2 Page - Integrated Technology Future

  F2G37 Datasheet HTML 1Page - Integrated Technology Future F2G37 Datasheet HTML 2Page - Integrated Technology Future F2G37 Datasheet HTML 3Page - Integrated Technology Future F2G37 Datasheet HTML 4Page - Integrated Technology Future F2G37 Datasheet HTML 5Page - Integrated Technology Future F2G37 Datasheet HTML 6Page - Integrated Technology Future F2G37 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F2G37
Part No.
F2G37
Rev. Date
2013-06-24
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NCOF02-AS01
2/7
Specifications
Fc = 2350 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
2350
-
MHz
Insertion Loss (2300 ~2400 MHz)
-
3.0
3.5
dB
Amplitude Ripple (2300 ~2400 MHz)
-
1.5
3.0
dB
VSWR (2300 ~2400 MHz)
-
2.2
2.5
Relative Attenuation
0.3 ~ 2050 MHz
2050 ~ 2170 MHz
2170 ~ 2250 MHz
2450 ~ 2550 MHz
2550 ~ 3000 MHz
23
30
24
18
27
28
32
40
38
31
-
-
-
-
-
dB
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com