Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH140P05T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH140P05T
Description  TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH140P05T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH140P05T Datasheet HTML 1Page - IXYS Corporation IXTH140P05T Datasheet HTML 2Page - IXYS Corporation IXTH140P05T Datasheet HTML 3Page - IXYS Corporation IXTH140P05T Datasheet HTML 4Page - IXYS Corporation IXTH140P05T Datasheet HTML 5Page - IXYS Corporation IXTH140P05T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 50
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 50
V
V
GSS
Continuous
±15
V
V
GSM
Transient
±25
V
I
D25
T
C = 25°C (Chip Capability)
-140
A
I
LRMS
Lead Current Limit, RMS
-120
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
- 420
A
I
A
T
C = 25°C
- 70
A
E
AS
T
C = 25°C1
J
P
D
T
C = 25°C
298
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-220 & TO-247)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
DS100027C(01/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 50
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.0
- 4.0
V
I
GSS
V
GS = ± 15V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
-10
μA
T
J = 125°C
- 750
μA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
9 m
Ω
TrenchPTM
Power MOSFETs
P-Channel Enhancement Mode
Avalanche Rated
IXTA140P05T
IXTP140P05T
IXTH140P05T
V
DSS
= - 50V
I
D25
= - 140A
R
DS(on) ≤
≤≤≤≤
9m
Ω
Ω
Ω
Ω
Ω
Features
International Standard Packages
Avalanche Rated
Extended FBSOA
Fast Intrinsic Diode
Low R
DS(ON) and QG
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High-Side Switching
Push Pull Amplifiers
DC Choppers
Automatic Test Equipment
Current Regulators
Battery Charger Applications
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D
D (Tab)
TO-263 AA (IXTA)
G
S
D (Tab)
G
D S
TO-220AB (IXTP)
D (Tab)


Similar Part No. - IXTH140P05T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH140P10T IXYS-IXTH140P10T Datasheet
179Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTH140P05T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTK90P20P IXYS-IXTK90P20P Datasheet
130Kb / 5P
PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com