Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOC210 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LOC210
Description  Dual Linear Optocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LOC210 Datasheet(HTML) 1 Page - IXYS Corporation

  LOC210 Datasheet HTML 1Page - IXYS Corporation LOC210 Datasheet HTML 2Page - IXYS Corporation LOC210 Datasheet HTML 3Page - IXYS Corporation LOC210 Datasheet HTML 4Page - IXYS Corporation LOC210 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LOC210-R05
1
e3
Pb
LOC210
Dual Linear Optocouplers
Part #
Description
LOC210P
16-Pin SOIC (50/tube)
LOC210PTR
16-Pin SOIC (1000/Reel)
Description
Ordering Information
Pin Configuration
Approvals
The LOC210 Dual Linear Optocoupler features an
infrared LED optically coupled with two photodiodes.
A feedback (input) photodiode is used to generate a
control signal that provides a servomechanism to the
LED drive current, thus compensating for the LED's
nonlinear time and temperature characteristics. The
other (output) photodiode provides an output signal
that is linear with respect to the servo LED current.
The product features wide bandwidth, high input to
output isolation and excellent servo linearity.
Modem Transformer Replacement With No
Insertion Loss
Digital Telephone Isolation
Power Supply Feedback Voltage/Current
Medical Sensor Isolation
Audio Signal Interfacing
Isolation of Process Control Transducers
0.01% Servo Linearity
THD -87dB Typical
Wide Bandwidth (>200kHz)
Couples Analog and Digital Signals
High Gain Stability
Low Input/Output Capacitance
Low Power Consumption
16-Pin SOIC Package (PCMCIA Compatible)
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
VDE Compatible
Bin Matrix
Top Pole
Optocoupler*
Bottom Pole
Optocoupler**
Suffix
Bin
K1
1
L1
2
M2
1
N2
2
*Top Optocoupler: Pins 1,2,3,4,13, and 14
**Bottom Optocouplers: Pins 7 through 12
Part Number Information
The LOC210 is shipped in anti-static tubes (50
pieces each) or tape/reel (1,000 pieces each). Each
container has only 1 bin combination which will be
branded on each part with the appropriate bin letter
K, L, M, or N in the lower right hand corner. Suffix
representation is described in the “Bin Matrix”.
Features
Applications
K3 Sorted Bins
Bin
K3 Range
Bin 1
0.773 - 0.886
Bin 2
0.887 - 1.072
– LED
+ LED
C1
A1
NC
NC
C2
A2
C2
A2
NC
NC
C1
A1
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
– LED
+ LED
Optocoupler #1
Optocoupler #2
Parameter
Rating
Units
LED Operating Range
2-10
mA
K3, Transfer Gain
0.773-1.072
-
Isolation, Input to Output
3750
V
rms
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
Certified to:
IEC 60950-1: 2005
EN 60950-1: 2006
TUV Certificate B 09 07 49410 006


Similar Part No. - LOC210

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC210 CLARE-LOC210 Datasheet
74Kb / 5P
Linear Optocouplers
LOC210PTR CLARE-LOC210PTR Datasheet
74Kb / 5P
Linear Optocouplers
More results

Similar Description - LOC210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT6 FAIRCHILD-MCT6 Datasheet
511Kb / 8P
DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Clare, Inc.
LOC110 CLARE-LOC110 Datasheet
139Kb / 6P
Linear Optocouplers
LOC111 CLARE-LOC111 Datasheet
139Kb / 6P
Linear Optocouplers
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
Linear Optocouplers
LOC210 CLARE-LOC210 Datasheet
74Kb / 5P
Linear Optocouplers
LOC211 CLARE-LOC211 Datasheet
74Kb / 5P
Linear Optocouplers
logo
Fairchild Semiconductor
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
Dual Phototransistor Optocouplers
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Clare, Inc.
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
Linear Optocouplers
logo
Fairchild Semiconductor
MCT9001S FAIRCHILD-MCT9001S Datasheet
284Kb / 9P
Dual Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com