Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP685010 Datasheet(PDF) 6 Page - AVX Corporation

Part # TAP685010
Description  Sectiom 3: Introduction Foreword
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP685010 Datasheet(HTML) 6 Page - AVX Corporation

Back Button TAP685010 Datasheet HTML 2Page - AVX Corporation TAP685010 Datasheet HTML 3Page - AVX Corporation TAP685010 Datasheet HTML 4Page - AVX Corporation TAP685010 Datasheet HTML 5Page - AVX Corporation TAP685010 Datasheet HTML 6Page - AVX Corporation TAP685010 Datasheet HTML 7Page - AVX Corporation TAP685010 Datasheet HTML 8Page - AVX Corporation TAP685010 Datasheet HTML 9Page - AVX Corporation TAP685010 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAY 2013
■ 121
SOLID TANTALUM RESIN DIPPED TAP/TEP
TAPE AND REEL PACKAGING FOR AUTOMATIC COMPONENT INSERTION
TAP/TEP types are all offered on radial tape, in reel or
‘ammo’ pack format for use on high speed radial automatic
insertion equipment, or preforming machines.
The tape format is compatible with EIA 468A standard for
component taping set out by major manufacturers of radial
automatic insertion equipment.
Dipped Radial Capacitors
Tape and Reel Packaging
TAP/TEP – available in three formats. See page 122 for dimensions.
‘B’ wires for normal automatic insertion on
5mm pitch.
BRW suffix for reel
BRS suffix for ‘ammo’ pack
Available in case sizes A - J
‘C’ wires for preforming.
CRW suffix for reel
CRS suffix for ‘ammo’ pack
Available in case sizes A - R
‘S’ and ‘D’ wire for special applications,
automatic insertion on 2.5mm pitch.
SRW, DTW suffix for reel
SRS, DTS suffix for ‘ammo’ pack
Available in case sizes A - J
P2
P1
H3
H1
P
h
W2
W1
H
L
d
T
W
S
D
P
P2
P1
H3
H1
P
h
W2
W1
H
L
d
T
W
S
D
P
P2
P1
H3
H2
H1
P
h
W2
W1
L
d
T
W
S
D
P
S wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com