Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A2 Datasheet(PDF) 9 Page - Honeywell Accelerometers

Part # 2A2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2A2 Datasheet(HTML) 9 Page - Honeywell Accelerometers

Back Button 2A2 Datasheet HTML 3Page - Honeywell Accelerometers 2A2 Datasheet HTML 4Page - Honeywell Accelerometers 2A2 Datasheet HTML 5Page - Honeywell Accelerometers 2A2 Datasheet HTML 6Page - Honeywell Accelerometers 2A2 Datasheet HTML 7Page - Honeywell Accelerometers 2A2 Datasheet HTML 8Page - Honeywell Accelerometers 2A2 Datasheet HTML 9Page - Honeywell Accelerometers 2A2 Datasheet HTML 10Page - Honeywell Accelerometers 2A2 Datasheet HTML 11Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
113
MOUNTING DIMENSIONS (For reference only)
Long barrier operator-indicators
Short barrier operator-indicators
Short barrier indicators
Long barrier indicators
Mounting barriers
Short
Long
0,0 = mm
Key:
0.00 = inches.
A
Panel Thickness
1,5/.06
1,5-4,81/.06-.19
4,6/.18
4,8-7,9/.19-.31
Length Of Panel Cutout*
Number of Units
Type of Indicator or
Operator-Indicator
1
2
3
4
5
6
7
Short
mm
36,09
68,00
99,87
131,72
163,60
195,48
227,36
Barrier
in.
1.421
2.677
3.932
5.186
6.441
7.696
8.951
Long
mm
30,00
55,78
81,58
106,34
133,12
159,90
184,68
Barrier
in.
1.181
2.196
3.212
4.226
5.241
6.256
7.271
*Nominal dimensions, ±0,25 mm/0.10 in. (In 5% of
the cases, the cutout will be undersized for the build-
up of assembled units and will require enlargement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com