Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7A-R6A13 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # B7A-R6A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A13 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button B7A-R6A13 Datasheet HTML 15Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 16Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 17Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 18Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 19Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 20Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 21Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 22Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
CS1 Ordering Guide
496
C200H Special I/O Modules
Item
Description
Mountable Racks
Standards
Part number
CPU
Rack
C200H
Expansion
I/O Racks
CS1 Ex-
pansion
Racks
SYSMAC
BUS Slave
Racks
Position
Control
Modules
One-axis pulse output, speeds
1 to 500,000 pps,directly connects
to servomotor driver, line driver
compatible (Z level)
Yes
Yes
Yes
Yes
U, C, CE
C200HW-NC113
Two-axis pulse output, speeds
1 to 500,000 pps,directly connects
to servomotor driver, line driver
compatible (Z level)
Yes
Yes
Yes
Yes
U, C, CE
C200HW-NC213
Four-axis pulse output, speeds
1 to 500,000 pps,directly connects
to servomotor driver, line driver
compatible (Z level)
Yes
Yes
Yes
Yes
C200HW-NC413
1-axis cable for C200HW-NC113
—
—
XW2Z-
P
P
P
PP
P
P
PP
P
P
PJ-A6
(See Note 1.)
1-axis Servo Relay Module for
C200HW-NC113
—
XW2B-20J6-1B
2-axis cable for C200HW-
NC213
—
XW2Z-
P
P
P
PP
P
P
PP
P
P
PJ-A7
(See Note 1.)
2-axis Servo Relay Module for
C200H-NC213
—
XW2B-40J6-2B
RFID
Controller
Modules
Electromagnetic coupling, allows
interface to RFID systems
Yes
Yes
Yes
Yes
U, C
C200H-IDS01-V1
Microwave type, allows interface
to RFID systems
Yes
Yes
Yes
Yes
—
C200H-IDS21
DeviceNet
Master
Module
DeviceNet Remote I/O Master,
50 nodes max., (without
“configurator”); 63 nodes max.
(with “configurator”).
Yes
Yes
Yes
No
U, C, N, L, CE
C200HW-DRM21-V1
(See Note 2.)
DeviceNet I/O
Link Module
DeviceNet Remote I/O Slave,
supports 512 input points. and
512 output points.
For details on Slave Modules,
refer to the DeviceNet subsection
(found a few pages forward within
this section).
Yes
Yes
Yes
No
U, C, N, CE
C200HW-DRT21
CompoBus/S
Master
Modules
CompoBus/S Remote I/O,
32 slaves/256 bits max.
For details on Slave Modules,
refer to the DeviceNet subsection
(found a few pages forward within
this section).
Yes
Yes
Yes
No
U, C, N, L, CE
C200HW-SRM21-V1
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).
Note:
1.
Options for
PPP include the following:
050 = 0.5 meter length
100 = 1.0 meter length
200 = 2.0 meter length
300 = 3.0 meter length
500 = 5.0 meter length
2.
The DeviceNet Slaves are allocated up to 2,048 I/O bits (100 words) in the DeviceNet Memory Area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com