Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7A-R6A18 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # B7A-R6A18
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A18 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button B7A-R6A18 Datasheet HTML 13Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 14Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 15Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 16Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 17Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 18Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 19Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 20Page - Omron Electronics LLC B7A-R6A18 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
CS1 Ordering Guide
494
C200H Special I/O Modules
Item
Description
Mountable racks
Standards
Part number
CPU
Rack
C200H
Expansion
I/O Racks
CS1 Ex-
pansion
Racks
SYSMAC
BUS Slave
Racks
Process
Control
Modules
Voltage or current input,
time-proportioning PID, or ON/OFF
transistor output
Yes
Yes
Yes
Yes
U
C200H-PID01
Voltage or current input,
time-proportioning PID, or ON/OFF
voltage output
Yes
Yes
Yes
Yes
C200H-PID02
Voltage or current input,
PID current output
Yes
Yes
Yes
Yes
C200H-PID03
Data Setting
Console
Used with PID Control Modules.
Monitoring, setting, and changing
present values, set points, alarm
values, PID parameters, bank num-
bers, etc.
U
C200H-DSC01
Connecting Cable, 2 m
C200H-CN225
Connecting Cable, 4 m
C200H-CN425
Cam
Positioner
Module
48 cam outputs (16 external outputs
and 32 internal outputs), Resolver
speed: 20
µs(5 kHz)
Yes
Yes
Yes
Yes
U, C
C200H-CP114
Data Setting
Console
Used with Cam Positioner Module.
Monitoring, setting, and changing
present values, set points, alarm val-
ues, PID parameters, bank numbers,
etc.
U
C200H-DSC01
Connecting Cable, 2 m
C200H-CN225
Connecting Cable, 4 m
C200H-CN425
ASCII/
BASIC
24-kbyte RAM, 2 RS-232C ports
Yes
Yes
Yes
Yes
N, CE
C200H-ASC02
BASIC
Modules
200-kbyte RAM, 2 RS-232C ports
Yes
Yes
Yes
Yes
U, C, CE
C200H-ASC11
200-kbyte RAM, RS-232C port,
RS-422/485 port
Yes
Yes
Yes
Yes
C200H-ASC21
200-kbyte RAM, 3 RS-232C ports
(1 terminal only)
Yes
Yes
Yes
Yes
C200H-ASC31
Analog Input
Modules
(See Note.)
4to20mA, 1to5/0 to 10 V
(selectable), 4 inputs,
1/4,000 resolution
Yes
Yes
Yes
Yes
U, C, N, L
C200H-AD001
(
)
4to20mA, 1to5/0 to 10 V/--10 to
+10 V (selectable); 8 inputs;
1/4,000 resolution
Yes
Yes
Yes
Yes
U, C, N, L,
CE
C200H-AD002
4to20mA, 1to5/0 to 10 V/--10 to
+10 V (selectable); 8 inputs;
1/4,000 resolution
Yes
Yes
Yes
Yes
C200H-AD003
Note:
CS1 Series versions are available; please refer to the CS1 Special I/O subsection within this
Ordering Guide Section.
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com