| Electronic Components Datasheet Search |
|
B7A-R3A18 Datasheet(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7A-R3A18 Datasheet(HTML) 19 Page - Omron Electronics LLC |
|
19 / 38 page ![]() CS1 Ordering Guide 496 C200H Special I/O Modules Item Description Mountable Racks Standards Part number CPU Rack C200H Expansion I/O Racks CS1 Ex- pansion Racks SYSMAC BUS Slave Racks Position Control Modules One-axis pulse output, speeds 1 to 500,000 pps,directly connects to servomotor driver, line driver compatible (Z level) Yes Yes Yes Yes U, C, CE C200HW-NC113 Two-axis pulse output, speeds 1 to 500,000 pps,directly connects to servomotor driver, line driver compatible (Z level) Yes Yes Yes Yes U, C, CE C200HW-NC213 Four-axis pulse output, speeds 1 to 500,000 pps,directly connects to servomotor driver, line driver compatible (Z level) Yes Yes Yes Yes C200HW-NC413 1-axis cable for C200HW-NC113 — — XW2Z- P P P PP P P PP P P PJ-A6 (See Note 1.) 1-axis Servo Relay Module for C200HW-NC113 — XW2B-20J6-1B 2-axis cable for C200HW- NC213 — XW2Z- P P P PP P P PP P P PJ-A7 (See Note 1.) 2-axis Servo Relay Module for C200H-NC213 — XW2B-40J6-2B RFID Controller Modules Electromagnetic coupling, allows interface to RFID systems Yes Yes Yes Yes U, C C200H-IDS01-V1 Microwave type, allows interface to RFID systems Yes Yes Yes Yes — C200H-IDS21 DeviceNet Master Module DeviceNet Remote I/O Master, 50 nodes max., (without “configurator”); 63 nodes max. (with “configurator”). Yes Yes Yes No U, C, N, L, CE C200HW-DRM21-V1 (See Note 2.) DeviceNet I/O Link Module DeviceNet Remote I/O Slave, supports 512 input points. and 512 output points. For details on Slave Modules, refer to the DeviceNet subsection (found a few pages forward within this section). Yes Yes Yes No U, C, N, CE C200HW-DRT21 CompoBus/S Master Modules CompoBus/S Remote I/O, 32 slaves/256 bits max. For details on Slave Modules, refer to the DeviceNet subsection (found a few pages forward within this section). Yes Yes Yes No U, C, N, L, CE C200HW-SRM21-V1 Special Note: For current consumption, refer to Current Consumption Tables (the last 6 pages of this ordering guide). Note: 1. Options for PPP include the following: 050 = 0.5 meter length 100 = 1.0 meter length 200 = 2.0 meter length 300 = 3.0 meter length 500 = 5.0 meter length 2. The DeviceNet Slaves are allocated up to 2,048 I/O bits (100 words) in the DeviceNet Memory Area. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |