Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F9901 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F9901
Description  SAW Bandpass Filter F9901
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9901 Datasheet(HTML) 1 Page - Integrated Technology Future

  F9901 Datasheet HTML 1Page - Integrated Technology Future F9901 Datasheet HTML 2Page - Integrated Technology Future F9901 Datasheet HTML 3Page - Integrated Technology Future F9901 Datasheet HTML 4Page - Integrated Technology Future F9901 Datasheet HTML 5Page - Integrated Technology Future F9901 Datasheet HTML 6Page - Integrated Technology Future F9901 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter F9901
Part No.
NCMC01-F9901
Rev. Date
2011-3-8
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
1/7
4
5
6
1
2
3
1
2
3
6
5
4
Features
RF bandpass filter
High attenuation
Usable bandwidth 30MHz
No matching 50Ω single-ended operation
Ceramic Surface Mounted Device (SMD) Package ( 3.0 mm * 3.0 mm )
RoHS Compliant
Package Dimension – SMD 3.0 ×
×
×
× 3.0
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
℃
-30
25
70
Storage Temperature Range
℃
-40
25
85
Power Handling Capability
dBm
10
Electrostatics Sensitive Device (ESD)
Pin Configuration
2
Input
5
Output
1, 3, 4, 6
Case ground
I
9901


Similar Part No. - F9901

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
F99-003 MITSUMI-F99-003 Datasheet
74Kb / 2P
Interface Connectors for Cellular Telephone
logo
Infinite Electronics In...
F992 L-COM-F992 Datasheet
76Kb / 1P
FABRICATION : CA-400 SERIES
REV.D
logo
Littelfuse
F996 LITTELFUSE-F996 Datasheet
178Kb / 2P
ATO Blade Fuse Rated 32V
F996-ND LITTELFUSE-F996-ND Datasheet
178Kb / 2P
ATO Blade Fuse Rated 32V
F997 LITTELFUSE-F997 Datasheet
178Kb / 2P
ATO Blade Fuse Rated 32V
More results

Similar Description - F9901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com