Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-R61 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3Z-R61
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R61 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3Z-R61 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 14Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 15Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 16Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
E3Z
I/O Circuit Diagrams
NPN Output
PNP Output
* Models numbers for Through-beam Sensors (E3Z-T
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-T61-L 2M), the model number of the Receiver, by adding "-D"
(example: E3Z-T61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Model*
Operation
mode
Timing charts
Operation
selector
Output circuit
E3Z-T61(K)
E3Z-T66
E3Z-T62
E3Z-T67
E3Z-T61A
E3Z-T66A
E3Z-R61(K)
E3Z-R66
E3Z-D61(K)
E3Z-D66
E3Z-D62(K)
E3Z-D67
E3Z-L61
E3Z-L66
E3Z-B61
E3Z-B66
E3Z-B62
E3Z-B67
E3Z-L63
E3Z-L68
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
E3Z-T62-G0
E3Z-T67-G0
---
---
Model*
Operation
mode
Timing charts
Operation
selector
Output circuit
E3Z-T81(K)
E3Z-T86
E3Z-T82
E3Z-T87
E3Z-T81A
E3Z-T86A
E3Z-R81(K)
E3Z-R86
E3Z-D81(K)
E3Z-D86
E3Z-D82(K)
E3Z-D87
E3Z-L81
E3Z-L86
E3Z-B81
E3Z-B86
E3Z-B82
E3Z-B87
E3Z-L83
E3Z-L88
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
E3Z-T82-G0
E3Z-T87-G0
---
---
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
(Between brown (1) and black (4) leads)
Output
transistor
Load
(e.g., relay)
1
2
3
4
Connector Pin Arrangement
e-CON Connector Pin Arrangement
Pin 2 is not used.
Press fit
Clamp
4
1
2
4
3
3
1
12 to 24 VDC
Brown
Black
(Control
output)
Blue
100 mA
max.
Operation
indicator
Stability
indicator
(Green)
(Orange)
0 V
ZD
Load
(Relay)
1
2
3
4
Photo-
electric
Sensor
main
circuit
Through-beam Receivers, Retro-reflective Models,
Diffuse-reflective Models, Limited reflective Models.
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
(Between brown (1) and black (4) leads)
Output
transistor
Load
(e.g., relay)
1
2
4
3
3
1
Power
indicator
(orange)
e-CON Connector
Pin Arrangement
1
2
3
4
Press fit
Clamp type
1
2
3
4
Connector Pin
Arrangement
Pins 2 and 4
are not used.
12 to
24 VDC
Brown
Blue
Photo-
electric
Sensor
main
circuit
Through-beam Emitter
ON
OFF
ON
OFF
ON
OFF
Indicator
(orange)
(Between blue (3) and pink (2) leads)
Emission
stop input
LED for
emission
1
2
4
3
Connector Pin
Arrangement
Pin 4 is not used.
1
2
3
0 V
12 to 24 VDC
Brown
Pink
Blue
Power indicator
(Orange)
Photo-
electric
Sensor
main
circuit
(Emission
stop input)
Through-beam
Emitter
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
(Between blue (3) and black (4) leads)
Output
transistor
Load
(e.g., relay)
4
1
2
4
3
1
3
0 V
ZD
Connector Pin Arrangement
Pin 2 is not used.
12 to 24 VDC
Brown
Black
(Control
output)
Blue
100 mA
max.
Operation
indicator
Stability
indicator
(Green)
(Orange)
Load
(Relay)
Photo-
electric
Sensor
main
circuit
Through-beam Receivers, Retro-reflective Models,
Diffuse-reflective Models, Limited reflective Models.
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Operation
indicator
(orange)
(Between blue (3) and black (4) leads)
Output
transistor
Load
(e.g., relay)
1
2
4
3
3
1
Power
indicator
(orange)
Connector Pin Arrangement
Pins 2 and 4 are not used.
12 to 24 VDC
Brown
Blue
Photo-
electric
Sensor
Main
Circuit
Through-beam Emitter
ON
OFF
ON
OFF
ON
OFF
(Between brown (1) and pink (2) leads)
Indicator
(orange)
Emission
stop input
LED for
emission
1
2
4
3
Connector Pin
Arrangement
Pin 4 is not used.
1
2
3
0 V
12 to 24 VDC
Brown
Pink
Blue
Power indicator
(Orange)
Photo-
electric
Sensor
main
circuit
(Emission
stop input)
Through-beam
Emitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com