Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-R66 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3Z-R66 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
E3Z
Oil-resistive Sensors [Refer to Dimensions on page 16.]
*1. The Reflector is sold separately. Select the Reflector model most suited to the application.
*2. The sensing distance specified is possible when the E39-R1S is used. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*3. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted. (Modifications are required for some models. Ask your OMRON representative for details.)
Accessories (Order Separately)
Slit (A Slit is not provided with Through-beam Sensors) Order a Slit separately if required. [Refer to Dimensions on page 18.]
Reflectors (Reflector required for Retroreflective Sensors) A Reflector is not provided with the Sensor. Be sure to order a Reflector separately.
[Refer to Dimensions on E39-L/F39-L/E39-S/E39-R]
Note: The actual sensing distance may be reduced to approximately 70% of the typical sensing distance when using a Reflector other than E39-R1 or E39-R1S.
*1. Refer to Reflectors on E39-L/F39-L/E39-S/E39-R for details.
*2. Values in parentheses indicates the minimum required distance between the Sensor and Reflector.
Mutual Interference Protection Filter A Filter is not provided with the Sensor (for the through-beam E3Z-T
@@A). Order a Filter separately if required.
Sensing method
Appearance
Connection meth-
od
Sensing distance
Model
NPN output
PNP output
Through-beam
(Emitter + Receiver) *3
Pre-wired (2 m)
E3Z-T61K 2M
E3Z-T81K 2M
Emitter
E3Z-T61K-L 2M
Receiver E3Z-T61K-D 2M
Emitter
E3Z-T81K-L 2M
Receiver E3Z-T81K-D 2M
Pre-wired M8 connector
E3Z-T61K-M3J 0.3M
E3Z-T81K-M3J 0.3M
Emitter
E3Z-T61K-L-M3J 2M
Receiver E3Z-T61K-D-M3J 2M
Emitter
E3Z-T81K-L-M3J 2M
Receiver E3Z-T81K-D-M3J 2M
Retro-reflective with
MSR function
*1
Pre-wired (2 m)
*2
E3Z-R61K 2M
E3Z-R81K 2M
Pre-wired M8 connector
E3Z-R61K-M3J 0.3M
E3Z-R81K-M3J 0.3M
Diffuse-reflective
Pre-wired (2 m)
E3Z-D61K 2M
E3Z-D81K 2M
Pre-wired M8 connector
E3Z-D61K-M3J 0.3M
E3Z-D81K-M3J 0.3M
Pre-wired (2 m)
E3Z-D62K 2M
E3Z-D82K 2M
Pre-wired M8 connector
E3Z-D62K-M3J 0.3M
E3Z-D82K-M3J 0.3M
Slit width
Sensing distance
Minimum detectable object
(typical)
Model
Contents
E3Z-T
@@
E3Z-T
@@A
0.5-mm dia.
50 mm
35 mm
0.2-mm dia.
E39-S65A
One set
(contains Slits for
both the Emitter and
Receiver)
1-mm dia.
200 mm
150 mm
0.4-mm dia.
E39-S65B
2-mm dia.
800 mm
550 mm
0.7-mm dia.
E39-S65C
0.5
× 10 mm
1 m
700 mm
0.2-mm dia.
E39-S65D
1
× 10 mm
2.2 m
1.5 m
0.5-mm dia.
E39-S65E
2
× 10 mm
5 m
3.5 m
0.8-mm dia.
E39-S65F
Red light
Infrared light
15 m
3 m (150 mm)
5 to 100 mm (wide view)
1 m
Name
Sensing distance (typical)*
Model
Quantity
Remarks
E3Z-R
E3Z-R
@K
E3Z-B
@1/-B@6
E3Z-B
@2/-B@7
Reflector
3 m (100 mm)
(rated value)
2 m (100 mm)
(rated value)
---
---
E39-R1
1
• Retro-reflective
models are not
provided with
Reflectors.
• The MSR function
is enabled.
4 m (100 mm)
(rated value)
3 m (150 mm)
(rated value)
500 mm (80 mm)
(rated value)
2 m (500 mm)
(rated value)
E39-R1S
1
5 m (100 mm)
---
---
---
E39-R2
1
2.5 m (100 mm)
---
---
---
E39-R9
1
3.5 m (100 mm)
---
---
---
E39-R10
1
Fog Preventive
Coating
3 m (100 mm)
---
500 mm (80 mm)
(rated value)
2 m (500 mm)
(rated value)
E39-R1K
1
Small Reflector
1.5 m (50 mm)
---
---
---
E39-R3
1
Tape Reflector
700 mm (150 mm)
---
---
---
E39-RS1
1
1.1 m (150 mm)
---
---
---
E39-RS2
1
1.4 m (150 mm)
---
---
---
E39-RS3
1
Sensing distance
Appearance/Dimensions
Model
Quantity
Remarks
3 m
E39-E11
Two sets each for the
Emitter and Receiver
(total of four pieces)
Can be used with the E3Z-T
@@A Through-
beam models. The arrow indicates the direc-
tion of polarized light. Mutual interference
can be prevented by altering the direction of
polarized light from or to adjacent Emitters
and Receivers.
0.2
1
4.9
10.8
7.4
11.2
31.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com