Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-R66 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 14Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 15Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
E3Z
Excess Gain vs. Set Distance
E3Z-B
@1/B@6 + E39-R1S
Reflector (Order Separately)
E3Z-B
@2/B@7 + E39-R1S
Reflector (Order Separately)
Sensing Object Size vs. Sensing Distance
Diffuse-reflective Models
Diffuse-reflective Models
Narrow-beam Reflective Models
E3Z-D
@1(D@6)
E3Z-D
@2(D@7)
E3Z-L
@1(L@6)
Spot Diameter vs. Sensing Distance
Differential Travel vs. Sensing Distance
Narrow-beam Reflective Models
Narrow-beam Reflective Models
E3Z-L
@1(L@6)
E3Z-L
@1(L@6)
0.1
1
10
100
0.5
1
1.5
2
2.5
3
500-mm type
Distance (m)
0.1
1
10
100
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Distance (m)
2-m type
d
d
350
300
250
200
150
100
50
350
300
250
200
150
100
50
0
Side length (one side) of
sensing object: d (mm)
Black paper
SUS
(glossy surface)
White paper
d
d
4.5
4
3.5
3
2.5
2
1.5
1
0.5
350
300
250
200
150
100
50
0
Side length (one side) of
sensing object: d (mm)
Black paper
SUS
(glossy surface)
White paper
d
d
300
250
200
150
100
50
100
10
20
30
7.5
12
3
5
0
Side length (one side) of
sensing object: d (mm)
White paper
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
160
140
120
80
40
100
60
20
0
Distance (mm)
30
25
20
15
10
5
150
100
75
125
50
0
Distance (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com