Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3Z-R66 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
E3Z
E3Z
10
E39-R10
Material
Reflecting surface: Acrylic resin
Back: ABS resin
61.4
(2.42)
30.4
(1.20)
5
(0.20)
8 (0.31)
10 (0.39)
30 (1.18)
40 (1.57)
51.6 (2.03)
3.5 (0.14)
5.5 (0.22)
47 (1.85)
J
MINIATURE REFLECTOR
Two, M3
SUS304
stainless
steel
Adhesive
tape side
Two,
3.2
dia.
Material
Surface: Acrylic resin
Backside: ABS resin
E39-R3
41.8
(1.65)
25.4
(1.00)
22.5
(0.89)
34.8
(1.37)
38
(1.50)
34
(1.34)
22.9
(0.90)
16
(0.63)
10.1
(0.40) 1.2
19.3
3.4
2.6
1.2
10°
18.45
7
3.4
4.5
6
3.4
29 (1.14)
0.2
0.2
11
14°
13.7
(0.54)
20
(0.79)
J
TAPE REFLECTORS
E39-RS2
E39-RS3
Adhesive
tape side
Adhesive
tape side
Adhesive
tape side
Material:
Acrylic resin
Material:
Acrylic resin
Material:
Acrylic resin
E39-RS1
35 (1.38)
40 (1.57)
35
(1.38)
0.6
(0.02)
80 (3.15)
70
(2.76)
0.6
(0.02)
0.6
(0.02)
10
(0.39)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com